Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 19 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 19 Page - Micronas

Back Button VDP3133Y Datasheet HTML 15Page - Micronas VDP3133Y Datasheet HTML 16Page - Micronas VDP3133Y Datasheet HTML 17Page - Micronas VDP3133Y Datasheet HTML 18Page - Micronas VDP3133Y Datasheet HTML 19Page - Micronas VDP3133Y Datasheet HTML 20Page - Micronas VDP3133Y Datasheet HTML 21Page - Micronas VDP3133Y Datasheet HTML 22Page - Micronas VDP3133Y Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
19
2.10.11.Priority Decoder
The priority decoder selects between the sources
video, picture frame and analog RGB (OSD). The pic-
ture frame and the OSD can be enabled indepen-
dantly. The priority between picture frame and OSD is
selectable. The video source always has the lowest
priority. At the transitions between video and the pic-
ture frame the peaking transients can be suppressed
optionally.
For the video source the black level expander can be
activated and a fast switch between 2 settings (main/
side) for contrast, brightness and matrix values is pos-
sible.
2.10.12.Scan Velocity Modulation
The RGB input signal of the SVM is converted to Y in a
simple matrix. Then the Y signal is differentiated by a
filter of the transfer function 1
−Z−N, where N is pro-
grammable from 1 to 6. With a coring, some noise can
be suppressed. This is followed by a gain adjustment
and an adjustable limiter. The analog output signal is
generated by an 8-bit D/A converter.
The signal delay can be adjusted by
±3.5 clocks in
half- clock steps. For the gain and filter adjustment
there are two parameter sets. The switching between
these two sets is done with the same RGB switch sig-
nal that is used for switching between video-RGB and
OSD-RGB for the RGB outputs (see Fig. 2–16).
2.10.13.Display Phase Shifter
A phase shifter is used to partially compensate the
phase differences between the video source and the
flyback signal. By using the described clock system,
this phase shifter works with an accuracy of approxi-
mately 1 ns. It has a range of 1 clock period which is
equivalent to
±24.7 ns at 20.25 MHz. The large
amount of phase shift (full clock periods) is realized in
the front-end circuit.
Fig. 2–16: SVM Block diagram
N1
N2
Coring
Gain1
Gain2
Limiter
Limit
Delay
RGB Switch
RG
B
Output
Matrix and
Shaping
Modulation
Notch
Differen-
tiator
1
−Z−Nx
Coring
adjustment
Gain
adjustment
Delay
adjustment
D/A
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com