Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 11 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 11 Page - Micronas

Back Button VDP3133Y Datasheet HTML 7Page - Micronas VDP3133Y Datasheet HTML 8Page - Micronas VDP3133Y Datasheet HTML 9Page - Micronas VDP3133Y Datasheet HTML 10Page - Micronas VDP3133Y Datasheet HTML 11Page - Micronas VDP3133Y Datasheet HTML 12Page - Micronas VDP3133Y Datasheet HTML 13Page - Micronas VDP3133Y Datasheet HTML 14Page - Micronas VDP3133Y Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
11
2.4.7. Automatic standard recognition
The burst-frequency measurement is also used for
automatic standard recognition (together with the sta-
tus of horizontal and vertical locking) thus allowing a
completely independent search of the line and color
standard of the input signal. The following standards
can be distinguished:
– PAL B,G,H,I
– NTSC M
– SECAM
– NTSC 44
– PAL M
– PAL N
– PAL 60
For a preselection of allowed standards, the recogni-
tion can be enabled/disabled via I2C bus for each stan-
dard separately.
If at least one standard is enabled, the VDP 313xY
checks regularly the horizontal and vertical locking of
the input signal and the state of the color killer. If an
error exists for several adjacent fields a new standard
search is started. Depending on the measured line
number and burst frequency the current standard is
selected.
For error handling the recognition algorithm delivers
the following status information:
– search active (busy)
– search terminated, but failed
– found standard is disabled
– vertical standard invalid
– no color found
– standard switched
2.4.8. PAL Compensation/1-H Comb Filter
The color decoder uses one fully integrated delay line.
Only active video is stored.
The delay line application depends on the color stan-
dard:
– NTSC:
1-H comb filter or color compensation
– PAL:
color compensation
– SECAM: crossover-switch
In the NTSC compensated mode, Fig. 2–5 c), the color
signal is averaged for two adjacent lines. Thus,
cross-color
distortion
and
chrominance noise is
reduced. In the NTSC combfilter mode, Fig. 2–5 d), the
delay line is in the composite signal path, thus allowing
reduction of cross-color components, as well as
cross-luminance. The loss of vertical resolution in the
luminance channel is compensated by adding the ver-
tical detail signal with removed color information. If the
2-H adaptive comb filter is used, then the 1-H NTSC
comb filter should not be used.
Fig. 2–5: NTSC color decoding options
chroma
8
CVBS
Y
8
CVBS
Y
8
Luma
Y
8
CRCB
8
CVBS
Y
d) comb filter
c) compensated
a) conventional
b) S-VHS
CRCB
CRCB
CRCB
Chroma
Process.
Notch
filter
Chroma
Process.
Notch
filter
Chroma
Process.
Chroma
Process.
Notch
filter
1H
Delay
1H
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com