Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 65 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 65 Page - Micronas

Back Button VDP3133Y Datasheet HTML 61Page - Micronas VDP3133Y Datasheet HTML 62Page - Micronas VDP3133Y Datasheet HTML 63Page - Micronas VDP3133Y Datasheet HTML 64Page - Micronas VDP3133Y Datasheet HTML 65Page - Micronas VDP3133Y Datasheet HTML 66Page - Micronas VDP3133Y Datasheet HTML 67Page - Micronas VDP3133Y Datasheet HTML 68Page - Micronas VDP3133Y Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
65
VINCL
Input Clamping Level CR, CB
1.5
V
Binary Level = 128 LSB
QCL
Clamping DAC Resolution
−32
31
steps
6 Bit
− I-DAC, bipolar
VVIN =1.5 V
ICL-LSB
Input Clamping Current per
step
0.59
0.85
1.11
µA
DNLICL
Clamping DAC Differential
Non-Linearity
±0.5
LSB
Dynamic Characteristics for all Video-Paths (Luma + Chroma)
BW
Bandwidth
VIN1-4
CIN1-2
CBIN
810
−
MHz
−2 dBr input signal level
XTALK
Crosstalk, any Two Video
Inputs
−−56
−
dB
1 MHz,
−2 dBr signal level
THD
Total Harmonic Distortion
−
50
−
dB
1 MHz, 5 harmonics,
−2 dBr signal level
SINAD
Signal to Noise and Distortion
Ratio
−
45
−
dB
1 MHz, all outputs,
−2 dBr signal level
INL
Integral Non-Linearity
−−
±1
LSB
Code Density,
DC-ramp
DNL
Differential Non-Linearity
−−
±0.8
LSB
DG
Differential Gain
−−
±3%
−12 dBr, 4.4 MHz signal
on
DC-ramp
DP
Differential Phase
−−
1.5
deg
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com