Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 16 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 16 Page - Micronas

Back Button VDP3133Y Datasheet HTML 12Page - Micronas VDP3133Y Datasheet HTML 13Page - Micronas VDP3133Y Datasheet HTML 14Page - Micronas VDP3133Y Datasheet HTML 15Page - Micronas VDP3133Y Datasheet HTML 16Page - Micronas VDP3133Y Datasheet HTML 17Page - Micronas VDP3133Y Datasheet HTML 18Page - Micronas VDP3133Y Datasheet HTML 19Page - Micronas VDP3133Y Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
16
Micronas
2.10.3.Dynamic Peaking
Especially with decoded composite signals and notch
filter luminance separation, as input signals, it is nec-
essary to improve the luminance frequency character-
istics. With transparent, high-bandwidth signals, it is
sometimes desirable to soften the image.
In
the
VDP 313xY,
the
luminance
response
is
improved by dynamic peaking. The algorithm has been
optimized regarding step and frequency response. It
adapts to the amplitude of the high frequency part.
Small AC amplitudes are processed, while large AC
amplitudes stay nearly unmodified.
The dynamic range can be adjusted from
−14 to
+14 dB for small high frequency signals. There is sep-
arate adjustment for signal overshoot and for signal
undershoot. For large signals, the dynamic range is
limited by a non-linear function that does not create
any visible alias components. The peaking can be
switched over to “softening” by inverting the peaking
term by software.
The center frequency of the peaking filter is switchable
from 2.5 MHz to 3.2 MHz. For S-VHS and notch filter
color decoding, the total system frequency responses
for both PAL and NTSC are shown in Fig. 2–13.
Transients, produced by the dynamic peaking when
switching to the picture frame can be suppressed
optionally
Fig. 2–12: Dynamic peaking frequency response
Fig. 2–13: Total frequency response for peaking filter and S-VHS, PAL, NTSC
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
dB
MHz
20
5
−5
−10
−15
−20
02
4
6
8
10
15
10
0
CF=2.5 MHz
CF=2.5 MHz
CF=2.5 MHz
CF=3.2 MHz
CF=3.2 MHz
CF=3.2 MHz
NTSC
PAL/SECAM
S-VHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com