Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 70 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 70 Page - Micronas

Back Button VDP3133Y Datasheet HTML 66Page - Micronas VDP3133Y Datasheet HTML 67Page - Micronas VDP3133Y Datasheet HTML 68Page - Micronas VDP3133Y Datasheet HTML 69Page - Micronas VDP3133Y Datasheet HTML 70Page - Micronas VDP3133Y Datasheet HTML 71Page - Micronas VDP3133Y Datasheet HTML 72Page - Micronas VDP3133Y Datasheet HTML 73Page - Micronas VDP3133Y Datasheet HTML 74Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
70
Micronas
3.6.4.19. Half Contrast Switch Input
3.6.4.20. Analog RGB Outputs, D/A Converters
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HCS
−−
0.8
V
VIH
Input High Voltage
1.5
−−
V
tHCS
Delay HCS to RGBOUT
from 50 % of HCS-transition
to 90 % of RGBOUT-transition
80
120
ns
Internal GRB = 3.75 mA
VHCSL = 0.4 V
VHCSH = 1.0 V
Rise and fall time = 2 ns
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Internal RGB Signal D/A Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
10
−
bit
IOUT
Full Scale Output Current
3.6
3.75
3.9
mA
Rref = 10 kΩ
IOUT
Differential Nonlinearity
−−
0.5
LSB
IOUT
Integral Nonlinearity
−−
1LSB
IOUT
Glitch Pulse Charge
−
0.5
−
pAs
Ramp signal, 25
Ω output
termination
IOUT
Rise and Fall Time
−
3
−
ns
10 % to 90 %, 90 % to
10 %
IOUT
Intermodulation
−−
−50
dB
2/2.5 MHz full scale
IOUT
Signal to Noise
+50
−−
dB
Signal: 1 MHz full scale
Bandwidth: 10 MHz
IOUT
Matching R-G, R-B, G-B
−2
−
2%
R/B/G Crosstalk
one channel talks
two channels talk
−−
−46
dB
Passive channel:
IOUT =1.88 mA
Crosstalk-Signal:
1.25 MHz, 3.75 mAPP
RGB Input Crosstalk from
external RGB
one channel talks
two channels talk
three channels talk
−
−
−
−
−
−
−50
−50
−50
dB
dB
dB
Internal RGB Brightness D/A Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
9
−
bit
IBR
Full Scale Output Current
relative
39.2
40
40.8
%
Ref to max. digital RGB
IBR
Full Scale Output Current
absolute
−
1.5
−
mA
IBR
Differential Nonlinearity
−−
1LSB
IBR
Integral Nonlinearity
−−
2LSB
IBR
Match R-G, R-B, G-B
−2
−
2%
IBR
Match to digital RGB
R-R, G-G, B-B
−2
−
2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com