Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 25 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 25 Page - Micronas

Back Button VDP3133Y Datasheet HTML 21Page - Micronas VDP3133Y Datasheet HTML 22Page - Micronas VDP3133Y Datasheet HTML 23Page - Micronas VDP3133Y Datasheet HTML 24Page - Micronas VDP3133Y Datasheet HTML 25Page - Micronas VDP3133Y Datasheet HTML 26Page - Micronas VDP3133Y Datasheet HTML 27Page - Micronas VDP3133Y Datasheet HTML 28Page - Micronas VDP3133Y Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
25
Fig. 2–23: Video back-end
10 bit
DAC
Video
3.75 mA
blank &
timing
8bit
ADC
measurm.
9bit
U/I-DAC
3.75 mA
clamp
& mux
key
analog
R in
Sense
analog
R out
analog
G out
analog
B out
analog
G in
analog
B in
digital
R in
HV
measurem.
10
9bit
DAC
1.5 mA
digital
G in
digital
B in
9bit
DAC
2.2 mA
10 bit
DAC
Video
3.75 mA
10 bit
DAC
Video
3.75 mA
9bit
U/I-DAC
3.75 mA
9bit
U/I-DAC
3.75 mA
9bit
DAC
2.2 mA
9bit
DAC
2.2 mA
9bit
DAC
1.5 mA
9bit
DAC
1.5 mA
Input
I/O
9bit
DAC
1.5 mA
9bit
DAC
1.5 mA
9bit
DAC
1.5 mA
fast
10
10
analog
SVM out
8
8bit
DAC
SVM
1.88 mA
0.94 mA
digital
SVM in
serial interface
clamp
& mux
clamp
& mux
blank in
2
1
FBL
prio
blanking
750
µA
blanking
750
µA
blanking
750
µA
HCS
ext. brightness
ext. contrast
int . brightness
whitedrive B
whitedrive G
whitedrive R
2
1
2
12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com