Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 49 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 49 Page - Micronas

Back Button VDP3133Y Datasheet HTML 45Page - Micronas VDP3133Y Datasheet HTML 46Page - Micronas VDP3133Y Datasheet HTML 47Page - Micronas VDP3133Y Datasheet HTML 48Page - Micronas VDP3133Y Datasheet HTML 49Page - Micronas VDP3133Y Datasheet HTML 50Page - Micronas VDP3133Y Datasheet HTML 51Page - Micronas VDP3133Y Datasheet HTML 52Page - Micronas VDP3133Y Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
49
Table 2–8: Control Registers of the Fast Processor for control of the video backend functions
−default values are
initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)
FP Display Control Register
130
White Drive Red (0...1023)
700
WDR 1)
131
White Drive Green (0...1023)
700
WDG 1)
132
White Drive Blue (0...1023)
700
WDB 1)
139
Internal Brightness, Picture (0...511), the center value is 256, the
range allows for both increase and reduction of brightness.
256
IBR
13C
Internal Brightness, Measurement (0...511), the center value is
256, the brightness for measurement can be set to measure at
higher cutoff current. The measurement brightness is indepen-
dent of the drive values.
256
IBRM
13A
Analog Brightness for external RGB (0...511), the center value is
256, the range allows for both increase and reduction of bright-
ness.
256
ABR
13B
Analog Contrast for external RGB (0...511)
350
ACT
1) The white drive values will become active only after writing the blue value WDB, latching of new values is indi-
cated by setting the MSB of WDB.
FP Display Control Register, BCL
144
BCL threshold current, 0...2047 (max ADC output ~1152)
1000
BCLTHR
142
BCL time constant 0...15 ➠13 ... 1700 ms
15
BCLTM
143
BCL loop gain. 0..15
0
BCLG
145
BCL minimum contrast 0...1023
307
BCLMIN
105
Test register for BCL/EHT comp. function, register value:
0
normal operation
1
stop ADC offset compensation
x>1
use x in place of input from Measurement
ADC
0BCLTST
60
Current BCL reduction (0...1023; read only)
1023
BCLREDUC
FP Display Control Register, Deflection
103
interlace offset,
−2048..2047
This value is added to the SAWTOOTH output during one field.
0INTLC
102
discharge sample count for deflection retrace,
SAWTOOTH DAC output impedance is reduced for DSCC lines
after vertical retrace.
7DSCC
11F
vertical discharge value,
SAWTOOTH output value during discharge operation, typically
same as A0 init value for sawtooth.
−1365
DSCV
10B
EHT compensation vertical gain coefficient, 0...511
0
EHTV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com