Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 44 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 44 Page - Micronas

Back Button VDP3133Y Datasheet HTML 40Page - Micronas VDP3133Y Datasheet HTML 41Page - Micronas VDP3133Y Datasheet HTML 42Page - Micronas VDP3133Y Datasheet HTML 43Page - Micronas VDP3133Y Datasheet HTML 44Page - Micronas VDP3133Y Datasheet HTML 45Page - Micronas VDP3133Y Datasheet HTML 46Page - Micronas VDP3133Y Datasheet HTML 47Page - Micronas VDP3133Y Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
44
Micronas
2F
YCRCB mode control register
bit[6:0]
reserved (set to 0)
bit[7]
1
ADC over-/underflow
(has to be reset after read if used)
bit[8]
0
disable YCRCB
1
enable YCRCB
bit[9]
ADC range
0
nominal input amplitude (
±350 mV)
1
extented input amplitude (
±500 mV)
bit[11:10]
reserved (set to 0)
Note: Activate the YCRCB mode by
- enabling YCRCB
- selecting simple PAL or NTSC M, svhs=1, comb=0 in the std
register
- setting cbw=2 in the insel register
0
YCRCB
Comb Filter
27
comb filter control register
bit[0]
0
comb coefficients are calculated for luma/
chroma
1
comb coefficients for luma are used for luma
and chroma
bit[1]
0
luma comb strength depends on signal
amplitude
1
luma comb strength is independent of
amplitude
bit[2]
0
max comb booster
1
reduced comb booster
bit[4:3]
0..3
comb strength for chroma signal
bit[6:5]
0..3
comb strength for luma signal
bit[11:7]
0..31 overall limitation of the calculated comb
coefficients
0
no limitation
31
max limitation (1/2)
0
0
1
3
2
0
CMB_UC
CC
DAA
KB
KC
KY
CLIM
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com