Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 54 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 50Page - STMicroelectronics STLUX383ATR Datasheet HTML 51Page - STMicroelectronics STLUX383ATR Datasheet HTML 52Page - STMicroelectronics STLUX383ATR Datasheet HTML 53Page - STMicroelectronics STLUX383ATR Datasheet HTML 54Page - STMicroelectronics STLUX383ATR Datasheet HTML 55Page - STMicroelectronics STLUX383ATR Datasheet HTML 56Page - STMicroelectronics STLUX383ATR Datasheet HTML 57Page - STMicroelectronics STLUX383ATR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
Memory and register map
STLUX
54/126
DocID027870 Rev 1
8.2.15
DALI noise rejection filter registers
8.2.16
Analog-to-digital converter (ADC)
Table 29. DALI filter register map
Address
Offset
Block
Register name
Register description
0x00.503C
0x05
MSC (indirect)
MCS_DALICKSEL
DALI clock selection
0x00.503C
0x06
MSC_DALICKDIV
DALI filter clock division factor
0x00.503C
0x07
MSC_DALICONF
DALI filter mode configuration
Table 30. ADC register map and reset value
Address
Block
Register name
Register description
0x00.5400
ADC
ADC_CFG
Configuration
0x00.5401
ADC_SOC
Start of conversion
0x00.5402
ADC_IER
Interrupt enable
0x00.5403
ADC_SEQ
Sequencer
0x00.5404
ADC_DATL_0
Low part data 0 converted
0x00.5405
ADC_DATH_0
High part data 0 converted
0x00.5406
ADC_DATL_1
Low part data 1 converted
0x00.5407
ADC_DATH_1
High part data 1 converted
0x00.5408
ADC_DATL_2
Low part data 2 converted
0x00.5409
ADC_DATH_2
High part data 2 converted
0x00.540A
ADC_DATL_3
Low part data 3 converted
0x00.540B
ADC_DATH_3
High part data 3 converted
0x00.540C
ADC_DATL_4
Low part data 4 converted
0x00.540D
ADC_DATH_4
High part data 4 converted
0x00.540E
ADC_DATL_5
Low part data 5 converted
0x00.540F
ADC_DATH_5
High part data 5 converted
0x00.5410
ADC_DATL_6
Low part data 6 converted
0x00.5411
ADC_DATH_6
High part data 6 converted
0x00.5412
ADC_DATL_7
Low part data 7 converted
0x00.5413
ADC_DATH_7
High part data 7 converted
0x00.5414
ADC_SR
Status
0x00.5415
ADC_DLYCNT
SOC delay counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com