Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 91 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 87Page - STMicroelectronics STLUX383ATR Datasheet HTML 88Page - STMicroelectronics STLUX383ATR Datasheet HTML 89Page - STMicroelectronics STLUX383ATR Datasheet HTML 90Page - STMicroelectronics STLUX383ATR Datasheet HTML 91Page - STMicroelectronics STLUX383ATR Datasheet HTML 92Page - STMicroelectronics STLUX383ATR Datasheet HTML 93Page - STMicroelectronics STLUX383ATR Datasheet HTML 94Page - STMicroelectronics STLUX383ATR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
DocID027870 Rev 1
91/126
STLUX
Electrical characteristics
126
IDD(PWM1HSI8)
Enab
8
0.5
0
Disab
1
Disab
0.4
0.5
IDD(PWM4HSI8)
4
1.39
1.7
IDD(PWM5HSI8)
5
1.95
2.4
IDD(PWM6HSI8)
6
2.12
2.55
IDD(PWM1HSI4)
Enab
4
0.5
0
Disab
1
Disab
0.3
0.4
IDD(PWM4HSI4)
4
1.21
1.48
IDD(PWM5HSI4)
51.7
2.2
IDD(PWM6HSI4)
6
1.78
2.2
IDD(PWM1HSI2)
Enab
2
0.5
0
Disab
1
Disab
0.25
0.3
IDD(PWM4HSI2)
4
1.07
1.31
IDD(PWM5HSI2)
5
1.52
1.9
IDD(PWM6HSI2)
6
1.60
1.93
IDD(ADC1)
Disab
0
0
1
Enab
0
Disab
1.55
1.87
IDD(ADC2)
Disab
0
0
5.3
Enab
0
Disab
1.6
1.95
IDD(ADC3)
Enab
0
0
6
Enab
0
Disab
1.56
1.88
1. Data based on characterization results not tested in production.
2. SMED frequency:
- 96 MHz and 6 MHz frequencies require the PLL enabled.
- Current table shows only a subset value of possible SMED frequencies.
3. PWM frequency:
- PWM toggle frequency is considered fixed to 500 kHz, close to the maximum applicative value.
4. 3.ADC frequency:
- 6 MHz frequency requires the PLL enabled.
- Current table shows only a subset value of possible ADC frequencies.
5. ADC configured in circular mode.
6. PWM pins are loaded with a CL (load capacitance) of 50 pF.
7.
Number of active PWMs.
8. If enabled all DACs and comparator units are active.
9. Temperature operating: TA = 25 °C.
Table 74. Peripheral supply current consumption at VDD/VDDA = 3.3 V (continued)
Symbol
Clock
Peripherals
Consumption(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com