Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 40Page - STMicroelectronics STLUX383ATR Datasheet HTML 41Page - STMicroelectronics STLUX383ATR Datasheet HTML 42Page - STMicroelectronics STLUX383ATR Datasheet HTML 43Page - STMicroelectronics STLUX383ATR Datasheet HTML 44Page - STMicroelectronics STLUX383ATR Datasheet HTML 45Page - STMicroelectronics STLUX383ATR Datasheet HTML 46Page - STMicroelectronics STLUX383ATR Datasheet HTML 47Page - STMicroelectronics STLUX383ATR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
I/O multifunction signal configuration
STLUX
44/126
DocID027870 Rev 1
MSC_INPP2AUX1 (INPP aux register)
Bit 5 - 0:
INPP2_PULCTR [5:0].This register configures respectively the INPP2 [5:0] pull-up
functionality as follows:
0: enable pad pull-up features (enabled by default for compatibility with the
STLUX385)
1: disable pad pull-up
Bit 7 - 6:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations.
Note:
The MSC_IOMXP2 and MSC_INPP2AUX1 are addressable in indirect mode.
On STLUX285A devices, due to DIGINs double bond interconnections the pull-up
functionality must be configured in the same way for the two couple pins:
DIGIN10 is controlled by register field NPP2_PULCTR[1:0].
DIGIN32 is controlled by register field INPP2_PULCTR[3:2].
DIGIN54 is controlled by register field INPP2_PULCTR[5:4].
Table 12. MSC_INPP2AUX1 (INPP aux register)
Offset: 0x08 (indirect area)
Default value: 0x00
7
6
5
432
1
0
RFU
INPP2_PULCTR [5:0]
rr/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com