Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 67Page - STMicroelectronics STLUX383ATR Datasheet HTML 68Page - STMicroelectronics STLUX383ATR Datasheet HTML 69Page - STMicroelectronics STLUX383ATR Datasheet HTML 70Page - STMicroelectronics STLUX383ATR Datasheet HTML 71Page - STMicroelectronics STLUX383ATR Datasheet HTML 72Page - STMicroelectronics STLUX383ATR Datasheet HTML 73Page - STMicroelectronics STLUX383ATR Datasheet HTML 74Page - STMicroelectronics STLUX383ATR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
DocID027870 Rev 1
71/126
STLUX
Option bytes
126
nGENCFG (general configuration register protection)
nGENCFG: not (GENCFG) EMC byte protection.
MISCUOPT (miscellaneous configuration register)
Bit 0:
WWdg_HALT window watchdog reset on Halt: 0: no reset generated on Halt if WWDG
is active 1: reset generated on Halt if WWDG is active.
Bit 1:
WWdg_hw window watchdog hardware enable: 0: window watchdog activation by SW
1: window watchdog activation by HW. Bit 2:
IWdg_hw independent watchdog hardware enable:
0: independent watchdog activation by SW 1: independent watchdog activation by HW.
Bit 3:
LSI_EN low speed internal RCOSC clock enable:
0: LSI clock is not available to CPU
1: LSI cock is enabled for CPU.
Bit 4:
RFU reserved; must be kept 0 during register writing for future compatibility.
Bit 5:
RFU reserved; must be kept 1 during register writing for future compatibility.
Bit 7 - 6:
RFU reserved; must be kept 0 during register writing for future compatibility.
Table 45. nGENCFG (general configuration register protection)
Offset: 0x004804
Default value: 0xFF
7
6
543
2
1
0
nRst_PWM [5:0]
nCOMP1_2
nEN_COLD_CFG
r/w
r/w
r/w
Table 46. MISCUOPT (miscellaneous configuration register)
Offset: 0x004805
Default value: 0x28 (factory configuration)
76
5
4
3
2
1
0
RFU
RFU
RFU
LSI_EN
lWdg_hw
WWdg_hw
WWDG_HALT
r
r
r
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com