Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 41Page - STMicroelectronics STLUX383ATR Datasheet HTML 42Page - STMicroelectronics STLUX383ATR Datasheet HTML 43Page - STMicroelectronics STLUX383ATR Datasheet HTML 44Page - STMicroelectronics STLUX383ATR Datasheet HTML 45Page - STMicroelectronics STLUX383ATR Datasheet HTML 46Page - STMicroelectronics STLUX383ATR Datasheet HTML 47Page - STMicroelectronics STLUX383ATR Datasheet HTML 48Page - STMicroelectronics STLUX383ATR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 126 page
background image
DocID027870 Rev 1
45/126
STLUX
Memory and register map
126
8
Memory and register map
8.1
Memory map overview
This section describes the register map implemented in the STLUX devices family. Table 13
shows the main memory map organization. All registers and memory spaces are configured
within the first 64 Kbytes of memory, the remaining address spaces are kept reserved for the
future use.
By default the stack address is initialized at 0x07FF and rolls over when it reaches the
address value of 0x0400.
Table 13. Internal memory map
Address
Description
00.0000h
2-kB RAM
00.07FFh
Stack
00.0800h
00.3FFFh
Reserved
00.4000h
00.43FFh
1 kB data E2PROM
00.4400h
00.47FFh
Reserved
00.4800h
00.487Fh
128 option bytes
00.4880h
00.4FFFh
Reserved
00.5000h
00.57FFh
Peripheral register region
00.5800h
00.5FFFh
Reserved
00.6000h
00.67FFh
2-kB boot ROM
00.6800h
00.7EFFh
Reserved
00.7F00h
00.7FFFh
Core register region
00.8000h
32 interrupt vectors
00.8080h
00.FFFFh
32-kB program Flash
01.0000h
FF.FFFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com