Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 89 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 85Page - STMicroelectronics STLUX383ATR Datasheet HTML 86Page - STMicroelectronics STLUX383ATR Datasheet HTML 87Page - STMicroelectronics STLUX383ATR Datasheet HTML 88Page - STMicroelectronics STLUX383ATR Datasheet HTML 89Page - STMicroelectronics STLUX383ATR Datasheet HTML 90Page - STMicroelectronics STLUX383ATR Datasheet HTML 91Page - STMicroelectronics STLUX383ATR Datasheet HTML 92Page - STMicroelectronics STLUX383ATR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
DocID027870 Rev 1
89/126
STLUX
Electrical characteristics
126
IC low power current consumption
Table 73 summarizes the current consumption measured on VDD/VDDA supply pins in power
saving conditions.
Table 73. Supply low power consumption at VDD/VDDA = 3.3/5 V
Symbol
Code
Clock
Peripheral
Consumption(1)
Note
Op. mode(2),(3)
Code
area
fMASTER
E2PROM(4) MVRreg.(5) Typ.(6), (7) Max.(8), (7)
Description
Source
MHz
Enable
Enable
mA
mA
IDD(AHLT1)
Flash
HSI
16
Enable
Enable
0.23
0.32
AWU clocked by LSI
IDD(AHLT2)
Flash
HSI
16
Enable
Disable
0.085
0.12
AWU clocked by LSI
IDD(AHLT3)
Flash HSE(9), (10)
16
Enable
Enable
0.73
0.90
VDD/VDDA = 3.3 V
1.4
1.7
VDD/VDDA = 5 V
IDD(AHLT4)
Flash HSE(9), (10)
16
Enable
Disable
0.65
0.95
VDD/VDDA = 3.3 V
1.2
1.45
VDD/VDDA = 5 V
IDD(HLT1)
Flash
HSI
16
Enable
Disable
0.087
0.13
IDD(HLT2)
Flash HSE(9), (10)
16
Enable
Disable
0.075
0.11
VDD/VDDA = 3.3 V
0.090
0.15
VDD/VDDA = 5 V
1. Data based on characterization results not tested in production.
2. Active halt op. mode: all peripherals except AWU and IWDG are disabled (clock gated).
3. HALT op. mode: all peripherals are disabled (clock gated).
4. E2PROM is considered always enabled.
5.
.VCORE main DC voltage regulator.
6. Temperature operating: TA= 25 °C.
7. All the analog input signals are connected to GND; the signals of the port P0, P1 and P2 are configured as input with the
pull-up enabled.
8. Temperature operating: TA= 105 °C.
9. HSE frequency provided by external quartz.
10. AWU clocked by HSE source clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com