Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 11Page - STMicroelectronics STLUX383ATR Datasheet HTML 12Page - STMicroelectronics STLUX383ATR Datasheet HTML 13Page - STMicroelectronics STLUX383ATR Datasheet HTML 14Page - STMicroelectronics STLUX383ATR Datasheet HTML 15Page - STMicroelectronics STLUX383ATR Datasheet HTML 16Page - STMicroelectronics STLUX383ATR Datasheet HTML 17Page - STMicroelectronics STLUX383ATR Datasheet HTML 18Page - STMicroelectronics STLUX383ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
DocID027870 Rev 1
15/126
STLUX
Product overview
126
5
Product overview
Section 5.1 describes the features implemented in the product device.
5.1
SMED (state machine event driven): configurable PWM
generator
The SMED is an advanced programmable PWM generator signal. The SMED (state
machine event driven) is a state machine device controllable by both external events
(primary I/O signals) and internal events (counter timers), which generates an output signal
(PWM) depending on the evolution of the internal state machine.
The PWM signal generated by the SMED is therefore shaped by external events and not
only by a simple timer. This mechanism allows to generate controlled high frequency PWM
signals.
The SMED is also autonomous: once it has been configured by the STLUX internal
controller, the SMED can operate without any software interaction.
The STLUX family provides 6 SMED units. Multiple SMEDs can operate independently from
each other or they can be grouped together to form a more powerful state machine.
The main features of a SMED are described here below:
Configurable state machine generating a PWM signal
More than 10.4 ns PWM native resolution
Up to 1.3 ns PWM resolution when using SMED dithering
6 states available in each SMED: IDLE, S0, S1, S2, S3 plus a special HOLD state
Transactions triggered by synchronous and asynchronous external events or an
internal timer
Each transaction can generate an interrupt
Fifteen registers available to configure the state machine behavior
Four 16-bit configurable time registers, one for each running state (T0, T1, T2, T3)
Internal resources accessible through the processor interface
Eight interrupt request lines
5.1.1
SMED coupling schemes
The SMED coupling extends the capability of the single SMED, preserving the
independence of each “Finite State Machine” (FSM) programmed state evolution. The
coupling scheme allows the SMED pulse signals to be interleaved on their own PWM or on
a merged single PWM output. The STLUX supports the following coupled configuration
schemes:
Single SMED configuration
Synchronous coupled SMEDs
Asynchronous coupled SMEDs
Synchronous two coupled SMEDs
Asynchronous two coupled SMEDs
External controlled SMED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com