Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 17Page - STMicroelectronics STLUX383ATR Datasheet HTML 18Page - STMicroelectronics STLUX383ATR Datasheet HTML 19Page - STMicroelectronics STLUX383ATR Datasheet HTML 20Page - STMicroelectronics STLUX383ATR Datasheet HTML 21Page - STMicroelectronics STLUX383ATR Datasheet HTML 22Page - STMicroelectronics STLUX383ATR Datasheet HTML 23Page - STMicroelectronics STLUX383ATR Datasheet HTML 24Page - STMicroelectronics STLUX383ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
DocID027870 Rev 1
21/126
STLUX
Product overview
126
5.2.5
Debug module
The non-intrusive debugging module is fully controllable by the external target emulator.
Besides memory and peripheral operation, the CPU operation can also be monitored in
real-time by means of shadow registers.
R/W of RAM and peripheral registers in real-time
R/W for all resources when the application is stopped
Breakpoints on all program memory instructions (software breakpoints), except for the
interrupt vector table
Two advanced breakpoints and 23 predefined breakpoint configurations
5.3
Basic peripherals
Section 5.3.1 and Section 5.3.2 describe the basic peripherals accessed by the internal
CPU controller.
5.3.1
Vectored interrupt controller
Nested interrupts with three software priority levels
21 interrupt vectors with hardware priority
Two vectors for 12 external maskable or un-maskable interrupt request lines
Trap and reset interrupts
5.3.2
Timers
The STLUX family provides several timers which are used by software and do not interact
directly with the SMED and the PWM generation.
System timers
The system timer consists of a 16-bit autoreload counter driven by a programmable
prescaled clock and operating in one shoot or free running operating mode. The timer is
used to provide the IC time base system clock, with an interrupt generation on timer
overflow events.
Auxiliary timer
The auxiliary timer is a light timer with elementary functionality. The time base frequency is
provided by the CCO clock logic (configurable with a different source clock and prescale
division factors), while the interrupt functionality is supplied by an interrupt edge detection
logic similarly to the solution adopted for the Port P0/P2.
The timer has the following main features:
Free running mode
Up counter
Timer prescaler 8-bit
Interrupt timer capability:
–
Vectored interrupt
–
Interrupt IRQ/NMI or polling mode
Timer pulse configurable as a clock output signal via the CCO primary pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com