Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 45Page - STMicroelectronics STLUX383ATR Datasheet HTML 46Page - STMicroelectronics STLUX383ATR Datasheet HTML 47Page - STMicroelectronics STLUX383ATR Datasheet HTML 48Page - STMicroelectronics STLUX383ATR Datasheet HTML 49Page - STMicroelectronics STLUX383ATR Datasheet HTML 50Page - STMicroelectronics STLUX383ATR Datasheet HTML 51Page - STMicroelectronics STLUX383ATR Datasheet HTML 52Page - STMicroelectronics STLUX383ATR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
DocID027870 Rev 1
49/126
STLUX
Memory and register map
126
8.2.4
Flash and E2PROM non-volatile memories
8.2.5
Reset register
Table 18. Non-volatile memory register map
Address
Block
Register name
Register description
0x00.505A
MIF
FLASH_CR1
Control register 1
0x00.505B
FLASH_CR2
Control register 2
0x00.505C
FLASH_nCR2
Control register 2 (protection)
0x00.505D
FLASH_FPR
Memory protection
0x00.505E
FLASH_nFPR
Memory protection (complemented reg.)
0x00.505F
FLASH_IAPSR
Flash status
0x00.5062
FLASH_PUKR
Write memory protection removal key reg.
0x00.5063
RFU
Reserved for future use
0x00.5064
FLASH_DUKR
Write memory protection removal data
0x00.5071
FLASH_WAIT
Time access wait-state reg.
Table 19. RST_SR register map
Address
Block
Register name
Register description
0x00.50B3
RSTC
RST_SR
Reset control status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com