Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 8Page - STMicroelectronics STLUX383ATR Datasheet HTML 9Page - STMicroelectronics STLUX383ATR Datasheet HTML 10Page - STMicroelectronics STLUX383ATR Datasheet HTML 11Page - STMicroelectronics STLUX383ATR Datasheet HTML 12Page - STMicroelectronics STLUX383ATR Datasheet HTML 13Page - STMicroelectronics STLUX383ATR Datasheet HTML 14Page - STMicroelectronics STLUX383ATR Datasheet HTML 15Page - STMicroelectronics STLUX383ATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
Introducing SMED
STLUX
12/126
DocID027870 Rev 1
3
Introducing SMED
The heart of the STLUX family is the SMED (state machine event driven) technology which
allows the device to pilot six independently configurable PWM clocks with a maximum
resolution of 1.3 ns. A SMED is a powerful autonomous state machine, which is
programmed to react to both external and internal events and may evolve without any
software intervention. The SMED reaction time can be as low as 10.4 ns, giving the STLUX
the ability of operating in time critical applications. The SMED offers superior performance
when compared to traditional, timer based, PWM generators.
Each SMED is configured via the STLUX internal microcontroller. The integrated controller
extends the STLUX reliability and guarantees more than 15 years of both operating lifetime
and memory data retention for program and data memory after cycling.
A set of dedicated peripherals complete the STLUX:
4 analog comparators with configurable references and 50 ns max. propagation delay.
It is ideal to implement zero current detection algorithms or detect current peaks.
10-bit ADC with configurable op amp and 8-channel sequencer.
DALI: hardware interface that provides full IEC 60929 and IEC 62386 slave interface.
96 MHz PLL for high output signal resolution.
Documentation
This datasheet contains the description of features, pinout, pin assignment, electrical
characteristics, mechanical data and ordering information.
For information on programming, erasing and protection of the internal Flash memory,
please refer to the STM8S reference in the programming manual “How to program
STM8S and STM8A Flash program memory and data EEPROM” (PM0051).
For information on the debug and SWIM (single wire interface module) refer to the
“STM8 SWIM communication protocol and debug module” user manual (UM0470).
For information on the STM8 core, please refer to the “STM8 CPU programming
manual” (PM0044).
For information on the SMED configurator please refer to the “STLUX™ SMED
configurator 1.0" user manual (UM1760).
For information on the STLUX385A peripheral library please refer to the “Description of
STLUX385A peripheral library” user manual (UM1753).
For information on the STLUX385A examples kit please refer to the “Description of
STLUX385A examples kit” user manual (UM1763).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com