Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 34Page - STMicroelectronics STLUX383ATR Datasheet HTML 35Page - STMicroelectronics STLUX383ATR Datasheet HTML 36Page - STMicroelectronics STLUX383ATR Datasheet HTML 37Page - STMicroelectronics STLUX383ATR Datasheet HTML 38Page - STMicroelectronics STLUX383ATR Datasheet HTML 39Page - STMicroelectronics STLUX383ATR Datasheet HTML 40Page - STMicroelectronics STLUX383ATR Datasheet HTML 41Page - STMicroelectronics STLUX383ATR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
I/O multifunction signal configuration
STLUX
38/126
DocID027870 Rev 1
7.3
Port P1 I/O multifunction configuration signal
The Port P1 I/O multifunction pins, similarly to the Port P0, can be individually configured
through the following set of registers based on the selected device configuration policy:
Cold configuration: AFR_IOMXP1 option byte register (refer to Section 10 on page 60).
After reset the P1 signals are configured in line with AFR_IOMXP1 contents.
Warm configuration: MSC_IOMXP1 miscellaneous register (refer to Section 7.5). After
reset the P1 signals are configured as PWM output lines.
Every Port1 I/O can be configured to operate as a PWM output pin or a GPIO. Differently
from the port P0s, the pins are configured as PWM output signals by default after reset.
Table 7 summarizes the Port P1 configurations as selected by the register fields Sel_p15 …
Sel_p10 which respectively control the bits [5] … [0] of the Port P1 (verify resources
availability in Table 4 on page 32).
Table 7. Port P1 I/O multiplexing signal(1)
1. The Sel_p15…Sel_p10 are common register fields of both registers MSC_IOMXP1 and AFR_IOMXP1.
In cold configuration the P1x are configured as defined by the AFR_IOMXP1 option byte.
The PWM default polarity level is configured by the register option byte GENCFG.
Verify pin availability in Table 4 on page 32.
Port P1 multifunction configuration signal
Output signal
Multifunction signal
MUX selection
Selection bits
Value (binary)
P1[0]
PWM[0]
Sel_P10
1
GPIO1[0]
0
P1[1]
PWM[1]
Sel_P11
1
GPIO1[1]
0
P1[2]
PWM[2]
Sel_P12
1
GPIO1[2]
0
P1[3]
PWM[3]
Sel_P13
1
GPIO1[3]
0
P1[4]
PWM[4]
Sel_P14
1
GPIO1[4]
0
P1[5]
PWM[5]
Sel_P15
1
GPIO1[5]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com