Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 9Page - STMicroelectronics STLUX383ATR Datasheet HTML 10Page - STMicroelectronics STLUX383ATR Datasheet HTML 11Page - STMicroelectronics STLUX383ATR Datasheet HTML 12Page - STMicroelectronics STLUX383ATR Datasheet HTML 13Page - STMicroelectronics STLUX383ATR Datasheet HTML 14Page - STMicroelectronics STLUX383ATR Datasheet HTML 15Page - STMicroelectronics STLUX383ATR Datasheet HTML 16Page - STMicroelectronics STLUX383ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
DocID027870 Rev 1
13/126
STLUX
System architecture
126
4
System architecture
The STLUX devices family generates and controls PWM signals by means of a state
machine, called SMED (state machine event driven). Figure 1 gives an overview of the
internal architecture.
Figure 1. STLUX internal design
The core of the device is the SMED unit: a hardware state machine driven by system
events. The SMED includes 4 states (S0, S1, S2 and S3) available during running
operations. A special HOLD state is provided as well. The SMED allows the user to
configure, for every state, which system events will trigger a transaction to a new state.
During a transaction from one state to the other, the PWM output signal level can be
updated.
Once a SMED is configured and running, it becomes an autonomous unit, so no interaction
is required since the SMED automatically reacts to system events.
Thanks to the SMED's 96 MHz operating frequency and their automatic dithering function,
the PWM maximum resolution is 1.3 ns.
The STLUX family has 6 SMEDs available. Multiple SMEDs can operate independently from
each other or they can be grouped together to form a more powerful state machine.
The STLUX also integrates a low power STM8 microcontroller which is used to configure
and monitor the SMED activity and to supply external communication such as the DALI. The
STM8 controller has full access to all the STLUX subsystems, including the SMEDs. The
STLUX family also features a sequential ADC, which can be configured to continuously
sample up to 8 channels.
Section : Block diagram illustrates the overall system block and shows how SMEDs have
been implemented in the STLUX architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com