Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 33Page - STMicroelectronics STLUX383ATR Datasheet HTML 34Page - STMicroelectronics STLUX383ATR Datasheet HTML 35Page - STMicroelectronics STLUX383ATR Datasheet HTML 36Page - STMicroelectronics STLUX383ATR Datasheet HTML 37Page - STMicroelectronics STLUX383ATR Datasheet HTML 38Page - STMicroelectronics STLUX383ATR Datasheet HTML 39Page - STMicroelectronics STLUX383ATR Datasheet HTML 40Page - STMicroelectronics STLUX383ATR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
DocID027870 Rev 1
37/126
STLUX
I/O multifunction signal configuration
126
7.2.3
Port P0 I/O functional multiplexing signal
Figure 10 shows an outline view of the Port P0 multifunction multiplexing scheme.
Figure 10. Port P0 I/O functional multiplexing scheme
Note:
Where the “A/F(s) in” and “A/F(s) out” signals are defined in Section 6.2 on page 32.
Verify pin availability in Table 4: Pin description on page 32.
On the STLUX325A device:
P0_ODR [1:0] bits must be keep clear.
P0 [6] is a multifunction signal configurable through the MSC_IOMXP2 [7] and
AFR_IOMXP2 [7] register bits - for further details refer to Section 7.4.
Port P0 [6] signal is controlled by P0_ODR [6] and P0_IDR [6] GPIO0 registers.
On the STLUX285A device:
P0_ODR [1:0] bits must be keep clear.
7.2.4
P0 interrupt capability
Port P0 signals may be configured to generate maskable (IRQ) and un-maskable (NMI)
interrupts by programming the MSC_CFGP0<n> and the MSC_STSP0 registers (n = index
port signal). This functionality is not applicable to the bit port P0 [6] on the STLUX325A and
on the port P0:[1:0] on STLUX285A.
The interrupt request may be configured to wake-up the IC device from the WFI (wait for
interrupt), AHalt (active Halt) and Halt power saving state.
7.2.5
P0 programmable pull-up and speed feature
The I/O speed and pad pull-up resistance (47 k
) of the port P0 may be configured through
the GPIO0 internal registers.
The pull-up resistance of the multifunction signal P0 [6] is always enabled on the
STLUX325A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com