Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX383ATR Datasheet(PDF) 102 Page - STMicroelectronics

Part # STLUX383ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX383ATR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STLUX383ATR Datasheet HTML 98Page - STMicroelectronics STLUX383ATR Datasheet HTML 99Page - STMicroelectronics STLUX383ATR Datasheet HTML 100Page - STMicroelectronics STLUX383ATR Datasheet HTML 101Page - STMicroelectronics STLUX383ATR Datasheet HTML 102Page - STMicroelectronics STLUX383ATR Datasheet HTML 103Page - STMicroelectronics STLUX383ATR Datasheet HTML 104Page - STMicroelectronics STLUX383ATR Datasheet HTML 105Page - STMicroelectronics STLUX383ATR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 126 page
background image
Electrical characteristics
STLUX
102/126
DocID027870 Rev 1
Table 84. Current DC characteristics
Symbol
Description
Min. Typ. Max.(1) Unit
IOL1
Standard output low level current at 3.3 V and VOL1(2), (3)
1.5
mA
IOL2
Standard output low level current at 5 V and VOL2(2), (3)
3
IOLhs1 High sink output low level current at 3.3 V and VOL3(2), (4), (5)
5
IOLhs2 High sink output low level current at 5 V and VOL3(2), (4), (5)
7.75
IOH1
Standard output high level current at 3.3 V and VOH1(2), (3)
1.5
IOH2
Standard output high level current at 5 V and VOLH2(2), (3)
3
IOHhs1 High sink output high level current at 3.3 V and VOH3(2), (4), (5)
5
IOHhs2 High sink output high level current at 5 V and VOH3(2), (4), (5)
7.75
ILKg
Input leakage current digital - analog VSS  VIN VDD(6)
± 1
µA
I_Inj
Injection current(7), (8)
± 4
mA
I_Inj Total injection current (sum of all I/O and control pins)(7)
± 20
1. Data based on characterization result, not tested in production.
2. A high sink selectable by high speed configuration; the parameter applicable to signals: GPIO0 [5:0] (product depending).
3. The parameter applicable to signals: GPIO1 [5:0]/PWM [5:0] (product depending).
4. The parameter applicable to the signal: SWIM.
5. The parameter applicable to the signal: DIGIN [0]/CCO_clk.
6. Applicable to any digital inputs.
7. Maximum value must never be exceeded.
8. Negative injection current on the ADCIN [7:0] signals (product depending) have to avoid since impact the ADC conversion
accuracy.
Table 85. Operating frequency characteristics
Symbol
Description
Min.
Typ.
Max.(1)
Unit
fIL1
Digital input signal operating frequency(2), (3), (4)
12
MHz
fIH1
Analog input signal operating frequency(5), (6)
24
fIH2
High speed input signal operating frequency(7), (8)
128
fOL1
Standard output signal operating frequency with 50 pF max. load(2)
2
fOL2
High sink output signal operating frequency with 50 pF max. load(2), (3)
10
fOH1
High speed output signal operating frequency with 50 pF max. load(7)
12
fOH2
High speed output signal operating frequency with 50 pF max. load(8)
32
1. Data based on characterization result, not tested in production.
2. A high sink selectable by high speed configuration; parameter applicable to signals: GPIO0 [5:0] (product depending).
3. The parameter applicable to the signal: SWIM.
4. The parameter applicable to signals: DIGIN [5:1] (product depending).
5. The parameter applicable to signals: GPIO0 [3:2] when configured as HSE_Oscin/Oscout.
6. The parameter applicable to any analog signals: ADCIN [7:0], CPP [3:0] and CPM3 (product depending).
7. The parameter applicable to signals: GPIO1 [5:0]/PWM [5:0] (product depending).
8. The parameter applicable to the signal: DIGIN [0]/CCO_clk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com