Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 20Page - Microchip Technology MIC4607 Datasheet HTML 21Page - Microchip Technology MIC4607 Datasheet HTML 22Page - Microchip Technology MIC4607 Datasheet HTML 23Page - Microchip Technology MIC4607 Datasheet HTML 24Page - Microchip Technology MIC4607 Datasheet HTML 25Page - Microchip Technology MIC4607 Datasheet HTML 26Page - Microchip Technology MIC4607 Datasheet HTML 27Page - Microchip Technology MIC4607 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MIC4607
DS20005610A-page 24
 2016 Microchip Technology Inc.
turn-off. The xLO driver turns on after a short delay
(tLOON). Once the xLO driver is turned on, it is latched
on until the xPWM signal goes high. This prevents any
ringing or oscillations on the switch node or xHS pin
from turning off the xLO driver. If the xPWM pin goes
low and the voltage on the xHS pin does not cross the
VSWTH threshold, the xLO pin will be forced high after
a short delay (tSWTO), ensuring proper operation.
The internal logic circuits also ensure a “first on” priority
at the inputs. If the xHO output is high, the xLI pin is
inhibited. A high signal or noise glitch on the xLI pin has
no effect on the xHO or xLO outputs until the xHI pin
goes low. Similarly, xLO being high holds xHO low until
xLI and xLO are low.
Fast propagation delay between the input and output
drive waveform is desirable. It improves overcurrent
protection by decreasing the response time between
the control signal and the MOSFET gate drive. Minimiz-
ing propagation delay also minimizes phase shift errors
in power supplies with wide bandwidth control loops.
Care must be taken to ensure that the input signal
pulse width is greater than the minimum specified pulse
width. An input signal that is less than the minimum
pulse width can result in no output pulse or an output
pulse whose width is significantly less than the input.
The maximum duty cycle (ratio of high-side on-time to
switching period) is determined by the time required for
the CB capacitor to charge during the off-time. Ade-
quate time must be allowed for the CB capacitor to
charge up before the high-side driver is turned back on.
Although the adaptive dead-time circuit in the MIC4607
prevents the driver from turning both MOSFETs on at
the same time, other factors outside of the
anti-shoot-through
circuit’s
control
can
cause
shoot-through. Other factors include ringing on the gate
drive node and capacitive coupling of the switching
node voltage on the gate of the low-side MOSFET.
The scope photo in Figure 6-4 shows the dead time
(<20 ns) between the high- and low-side MOSFET
transitions as the low-side driver switches off while the
high-side driver transitions from off to on.
FIGURE 6-4:
Adaptive Dead-Time LO
(LOW) to HO (HIGH).
Table 6-1 contains truth tables for the MIC4607-1 (inde-
pendent TTL inputs) and Table 6-2 is for the
MIC4607-2 (PWM inputs) that details the “first on” pri-
ority as well as the failsafe delay (tSWTO).
6.2
HS Node Clamp
A resistor/diode clamp between the switching node and
the HS pin is necessary to clamp large negative
glitches or pulses on the HS pin.
Figure 6-5 shows the Phase A section high-side and
low-side MOSFETs connected to one phase of the
three phase motor. There is a brief period of time (dead
time) between switching to prevent both MOSFETs
from being on at the same time. When the high-side
MOSFET is conducting during the on-time state, cur-
rent flows into the motor. After the high-side MOSFET
turns off, but before the low-side MOSFET turns on,
current from the motor flows through the body diode in
parallel with the low-side MOSFET. Depending upon
the turn-on time of the body diode, the motor current,
and circuit parasitics, the initial negative voltage on the
switch node can be several volts or more. The forward
voltage drop of the body diode can be several volts,
depending on the body diode characteristics and motor
current.
Even though the HS pin is rated for negative voltage, it
is good practice to clamp the negative voltage on the
HS pin with a resistor and possibly a diode to prevent
excessive negative voltage from damaging the driver.
Depending upon the application and amount of nega-
tive voltage on the switch node, a 3Ω resistor is recom-
TABLE 6-1:
MIC4607-1 TRUTH TABLE
xLI
xHI
xLO
xHO
Comments
0
0
0
0
Both outputs off.
01
0
1
xHO will not go HIGH
until xLO falls below
1.9V.
10
1
0
xLO will be delayed an
extra 250 ns if xHS
never falls below 2.2V.
11
X
X
First ON stays on until
input of same goes
LOW.
TABLE 6-2:
MIC4607-2 TRUTH TABLE
xPWM
xLO
xHO
Comments
01
0
xLO will be delayed an
extra 250 ns if xHS
never falls below 2.2V.
10
1
xHO will not go HIGH
until xLO falls below
1.9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com