Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology MIC4607 Datasheet HTML 10Page - Microchip Technology MIC4607 Datasheet HTML 11Page - Microchip Technology MIC4607 Datasheet HTML 12Page - Microchip Technology MIC4607 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005610A-page 9
MIC4607
FIGURE 2-7:
VDD+HB Shutdown Current
(Grounded Switch Node) vs. Voltage.
FIGURE 2-8:
VDD+HB Shutdown Current
(Grounded Switch Node) vs. Temperature.
FIGURE 2-9:
VDD+HB Operating Current
vs. Switching Frequency.
FIGURE 2-10:
VDD+HB Operating Current
vs. Switching Frequency.
FIGURE 2-11:
HO/LO Sink On-Resistance
vs. VDD.
FIGURE 2-12:
HO/LO Sink On-Resistance
vs. Temperature.
20
30
40
50
60
70
80
90
100
110
120
5
6
7
8
9
10 11 12 13 14 15 16
VDD+HB (V)
-40°C
25°C
125°C
xHI = xL I= 0V
VxHS = GND
VEN = 0V
VDD = VHB
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD= 16V
VDD = 5.5V
VDD= 12V
xHI = xLI = 0V
VxHS = GND
VEN = 0V
VDD = VHB
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0
102030405060708090 100
FREQUENCY (kHz)
–40ºC
25ºC
125ºC
VDD = 12V
VxHS = 0V
CLOAD = 0nF
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
102030405060708090 100
FREQUENCY (kHz)
–40ºC
25ºC
125ºC
VDD = 16V
VxHS = 0V
CLOAD=0nF
5
10
15
20
25
5
6
7
8
9
10 11 12 13 14 15 16
VDD (V)
–40ºC
25ºC
125ºC
IHO/LO = −50mA
VxHS = GND
VEN = VHB = VDD
0
5
10
15
20
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 16V
VDD = 12V
IHO/LO = 50mA
VxHS = GND
VEN = VHB = VDD
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com