Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 13Page - Microchip Technology MIC4607 Datasheet HTML 14Page - Microchip Technology MIC4607 Datasheet HTML 15Page - Microchip Technology MIC4607 Datasheet HTML 16Page - Microchip Technology MIC4607 Datasheet HTML 17Page - Microchip Technology MIC4607 Datasheet HTML 18Page - Microchip Technology MIC4607 Datasheet HTML 19Page - Microchip Technology MIC4607 Datasheet HTML 20Page - Microchip Technology MIC4607 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005610A-page 17
MIC4607
4.2
Overlapping LI/HI Input Mode
(MIC4607-1)
When xLI/xHI input high signals overlap, xLO/xHO out-
put states are determined by the first output to be
turned on. That is, if xLI goes high (ON), while xHO is
high, xHO stays high until xHI goes low at which point,
after a delay of tHOOFF and when xHS < 2.2V, xLO goes
high with a delay of tLOON. Should xHS never trip the
aforementioned internal comparator reference (2.2V),
a falling xHI edge delayed by a typical 250 ns will set
“HS latch” allowing xLO to go high.
If xHS falls very fast, xLO will be held low by a 35 ns
delay gated by HI going low. Conversely, xHI going
high (ON) when xLO is high has no effect on outputs
until xLI is pulled low (off) and xLO falls to < 1.9V. Delay
from xLI going low to xLO falling is tLOOFF and delay
from xLO < 1.9V to xHO being on is tHOON.
FIGURE 4-2:
Separate Overlapping LI/HI Input Mode (MIC4607-1).
tLOOFF
tHOOFF
tLOON
tHOON
xHS
xHO
xLO
xHI
xLI
2.2V
(typ)
1.9V
(typ)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com