Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 22Page - Microchip Technology MIC4607 Datasheet HTML 23Page - Microchip Technology MIC4607 Datasheet HTML 24Page - Microchip Technology MIC4607 Datasheet HTML 25Page - Microchip Technology MIC4607 Datasheet HTML 26Page - Microchip Technology MIC4607 Datasheet HTML 27Page - Microchip Technology MIC4607 Datasheet HTML 28Page - Microchip Technology MIC4607 Datasheet HTML 29Page - Microchip Technology MIC4607 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MIC4607
DS20005610A-page 26
 2016 Microchip Technology Inc.
FIGURE 6-6:
Optional External Bootstrap
Diode.
6.5
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 6-7 shows a simplified equivalent circuit of the
MIC4607 driving an external high-side MOSFET.
FIGURE 6-7:
MIC4607 Driving an
External High-Side MOSFET.
6.5.1
DISSIPATION DURING THE
EXTERNAL MOSFET TURN-ON
Energy from capacitor CB is used to charge up the input
capacitance of the MOSFET (CGD and CGS). The
energy delivered to the MOSFET is dissipated in the
three resistive components, RON, RG and RG_FET. RON
is the on resistance of the upper driver MOSFET in the
MIC4607. RG is the series resistor (if any) between the
driver and the MOSFET. RG_FET is the gate resistance
of the MOSFET and is typically listed in the power
MOSFET’s specifications. The ESR of capacitor CB
and the resistance of the connecting etch can be
ignored since they are much less than RON and
RG_FET.
The effective capacitances of CGD and CGS are difficult
to calculate because they vary non-linearly with ID,
VGS, and VDS. Fortunately, most power MOSFET spec-
ifications include a typical graph of total gate charge
versus VGS. Figure 6-8 shows a typical gate charge
curve for an arbitrary power MOSFET. This chart
shows that for a gate voltage of 10V, the MOSFET
requires about 23.5 nC of charge. The energy dissi-
pated by the resistive components of the gate drive cir-
cuit during turn-on is calculated as:
EQUATION 6-4:
but
EQUATION 6-5:
so,
EQUATION 6-6:
FIGURE 6-8:
Typical Gate Charge vs.
VGS.
E
1
2
--- C
ISS
V
GS
2
=
Where:
CISS
Total gate capacitance of the MOSFET.
QC
V
=
E
1
2
--- Q
G
V
GS
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com