Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 5 Page - Microchip Technology

  MIC4607 Datasheet HTML 1Page - Microchip Technology MIC4607 Datasheet HTML 2Page - Microchip Technology MIC4607 Datasheet HTML 3Page - Microchip Technology MIC4607 Datasheet HTML 4Page - Microchip Technology MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005610A-page 5
MIC4607
DC CHARACTERISTICS (Note 1, 2)
Electrical Characteristics:
Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
VDD Quiescent Current
IDD
390
750
μA
xLI = xHI = 0V
VDD Shutdown Current
IDDSH
2.2
10
μA
xLI = xHI = 0V;
EN = 0V with
HS = floating
58
150
xLI = xHI = 0V ; EN = 0V;
HS = 0V
VDD Operating Current
IDDO
0.6
1.5
mA
f = 20 kHz
Per Channel xHB Quiescent
Current
IHB
20
75
μA
xLI = xHI = 0V or
xLI = 0V and xHI = 5V
Per Channel xHB Operating
Current
IHBO
30
400
μA
f = 20 kHz
xHB to VSS Current, Quiescent
IHBS
0.05
5
μAVxHS = VxHB = 90V
xHB to VSS Current, Operating
IHBSO
30
300
μA
f = 20 kHz
Input (TTL: xLI, xHI, xPWM, EN) (Note 3)
Low-Level Input Voltage
VIL
——
0.8
V
High-Level Input Voltage
VIH
2.2
——
V
Input Voltage Hysteresis
VHYS
0.1
V
Input Pull-Down Resistance
RI
100
300
500
xLI and xHI Inputs
(-1 Version)
50
130
250
xPWM Input (-2 Version)
Undervoltage Protection
VDD Falling Threshold
VDDR
3.8
4.4
4.9
V
VDD Threshold Hysteresis
VDDH
0.25
V
xHB Falling Threshold
VHBR
4.0
4.4
4.9
V
xHB Threshold Hysteresis
VHBH
0.25
V
Overcurrent Protection
Rising Overcurrent Threshold
VILIM+
175
200
225
mV
(VILIM+ – VILIM–)
ILIM to Gate Propagation
Delay
tILIM_PROP
70
ns
VILIM+ = 0.5V peak
Fault Circuit
FLT/ Output Low Voltage
VOLF
0.2
0.5
V
VILIM = 1V; IFLT/ = 1 mA
Rising DLY Threshold
VDLY+
1.5
V
DLY Current Source
IDLY
0.3
0.44
0.6
μAVDLY = 0V
Fault Clear Time
tFCL
670
μsCDLY = 1 nF
Bootstrap Diode
Low-Current Forward Voltage
VDL
0.4
0.70
VIVDD-xHB = 100 μA
High-Current Forward Voltage
VDH
0.8
1
VIVDD-xHB = 50 mA
Note 1:
“x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2:
Specification for packaged product only.
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com