Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 3Page - Microchip Technology MIC4607 Datasheet HTML 4Page - Microchip Technology MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology MIC4607 Datasheet HTML 10Page - Microchip Technology MIC4607 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005610A-page 7
MIC4607
Switch Node Voltage Threshold
Signaling HO is Off
VSWTH
1
2.2
4
V—
Delay between HO FET Being
Considered Off to LO Turning
On
tLOON
—35
75
ns
Forced xLO On if VSWTH is
Not Detected
tSWTO
100
250
500
ns
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, TA = +25°C, VIN = VEN = 12V, VBOOST – VSW = 3.3V,
VOUT = 3.3V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
–40
+125
°C
Operating Ambient Temperature Range
TA
–40
+125
°C
Lead Temperature
260
°C
Soldering, 10s
Storage Temperature Range
TS
–60
+150
°C
Maximum Junction Temperature
TJ
+125
°C
Package Thermal Resistances
Thermal Resistance, 4 mm × 5 mm
QFN-28L
JA
43
°C/W
Thermal Resistance, 4 mm × 5 mm
QFN-28L
JC
3.4
°C/W
TSSOP-28L
JA
70
°C/W
TSSOP-28L
JC
20
°C/W
DC CHARACTERISTICS (Note 1, 2) (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
“x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2:
Specification for packaged product only.
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com