Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 4Page - Microchip Technology MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology MIC4607 Datasheet HTML 10Page - Microchip Technology MIC4607 Datasheet HTML 11Page - Microchip Technology MIC4607 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MIC4607
DS20005610A-page 8
 2016 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
VDD Quiescent Current vs.
VDD Voltage.
FIGURE 2-2:
VDD Quiescent Current vs.
Temperature.
FIGURE 2-3:
VHB Quiescent Current (All
Channels) vs. VHB Voltage.
FIGURE 2-4:
VHB Quiescent Current (All
Channels) vs Temperature.
FIGURE 2-5:
VDD+HB Shutdown Current
(Floating Switch Node) vs. Voltage.
FIGURE 2-6:
VDD+HB Shutdown Current
(Floating Switch Node) vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
280
310
340
370
400
430
460
490
56789
10 11 12 13 14 15 16
VDD (V)
-40°C
25°C
125°C
VxHS = GND
VEN = 5V
280
300
320
340
360
380
400
420
440
460
480
500
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 16V
VDD = 5.5V
VDD = 12V
VxHS = GND
VEN = 5V
20
30
40
50
60
70
80
90
100
5
6
7
8
9
10 11 12 13 14 15 16
VHB (V)
-40°C
25°C
125°C
VxHS = GND
VEN = 5V
20
30
40
50
60
70
80
90
100
-50
-25
0
255075
100
125
TEMPERATURE (°C)
VHB = 16V
VHB = 5.5V
VHB = 12V
VxHS = GND
VEN = 5V
0
1
2
3
4
5
6
7
8
5
6
7
8
9
10 11 12 13 14 15 16
VDD+HB (V)
-40°C
25°C
125°C
xHI = xLI = 0V
VxHS = FLOATING
VEN = 0V
VDD = VHB
0
1
2
3
4
5
6
7
8
-50
-25
0
255075
100
125
TEMPERATURE (°C)
VDD= 16V
VDD = 5.5V
VDD= 12V
xHI = xLI = 0V
VxHS = FLOATING
VEN = 0V
VDD = VHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com