Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 2Page - Microchip Technology MIC4607 Datasheet HTML 3Page - Microchip Technology MIC4607 Datasheet HTML 4Page - Microchip Technology MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology MIC4607 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MIC4607
DS20005610A-page 6
 2016 Microchip Technology Inc.
Dynamic Resistance
RD
—4
6
V—
xLO Gate Driver
Low-Level Output Voltage
VOLL
0.3
0.6
V
IxLO = 50 mA
High-Level Output Voltage
VOHL
0.5
1
V
IxLO = 50 mA,
VOHL = VDD – VxLO
Peak Sink Current
IOHL
—1
A
VxLO = 0V
Peak Source Current
IOLL
—1
A
VxLO = 12V
xHO Gate Driver
Low-Level Output Voltage
VOLH
0.3
0.6
V
IxHO = 50 mA
High-Level Output Voltage
VOHH
0.5
1
V
IxHO = 50 mA,
VOHH = VxHB – VxHO
Peak Sink Current
IOHH
—1
A
VxHO = 0V
Peak Source Current
IOLH
—1
A
VxHO = 12V
Switching Specifications (LI/HI mode with inputs non-overlapping, assumes HS low before LI goes high and
LO low before HI goes high).
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
tLPHL
35
75
ns
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
tHPHL
35
75
ns
Lower Turn-On Propagation
Delay (LI Rising to LO Rising)
tLPLH
35
75
ns
Upper Turn-On Propagation
Delay (HI Rising to HO Rising)
tHPLH
35
75
ns
Output Rise/Fall Time
tR/F
20
ns
CL = 1000 pF
Output Rise/Fall Time
(3V to 9V)
tR/F
0.8
μsCL = 0.1 μF
Minimum Input Pulse Width
that Changes the Output
tPW
—50
ns
Note 4
Switching Specifications PWM Mode (MIC4607-2) or LI/HI mode (MIC4607-1) with Overlapping LI/HI Inputs
Delay from PWM Going High /
LI Low, to LO Going Low
tLOOFF
—35
75
ns
LO Output Voltage Threshold
for LO FET to be Considered
Off
VLOOFF
1.9
V
Delay from LO Off to HO Going
High
tHOON
—35
75
ns
Delay from PWM or HI Going
Low to HO Going Low
tHOOFF
—35
75
ns
DC CHARACTERISTICS (Note 1, 2) (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, VDD = VxHB = 12V; VEN = 5V; VSS = VHS = 0V; No load on
xLO or xHO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
“x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
2:
Specification for packaged product only.
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic
low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic
high.
4:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com