Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 34Page - Microchip Technology MIC4607 Datasheet HTML 35Page - Microchip Technology MIC4607 Datasheet HTML 36Page - Microchip Technology MIC4607 Datasheet HTML 37Page - Microchip Technology MIC4607 Datasheet HTML 38Page - Microchip Technology MIC4607 Datasheet HTML 39Page - Microchip Technology MIC4607 Datasheet HTML 40Page - Microchip Technology MIC4607 Datasheet HTML 41Page - Microchip Technology MIC4607 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005610A-page 39
MIC4607
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a)
MIC4607-1YML-T5:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs,
–40°C to +125°C Tem-
perature Range, RoHS
Compliant,
28-Pin
VQFN, 500/Reel.
b)
MIC4607-1YML-TR:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs, –
40°C to +125°C Temp.
Range, RoHS Compli-
ant,
28-Pin
VQFN,
5000/Reel.
c)
MIC4607-1YTS:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs, –
40°C to +125°C Temp.
Range, RoHS Compli-
ant, 28-Pin TSSOP, 50/
Tube
d)
MIC4607-1YTS-T5:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs, –
40°C to +125°C Temp.
Range, RoHS Compli-
ant,
28-Pin
TSSOP,
500/Reel
e)
MIC4607-1YTS-TR:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs, –
40°C to +125°C Temp.
Range, RoHS Compli-
ant,
28-Pin
TSSOP,
2500/Reel.
f)
MIC4607-2YML-T5:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Single PWM
Input, –40°C to +125°C
Temp. Range, RoHS
Compliant,
28-Pin
TSSOP, 500/Reel.
g)
MIC4607-2YML-TR:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Single PWM
Input, –40°C to +125°C
Temp. Range, RoHS
Compliant,
28-Pin
TSSOP, 2500/Reel.
h)
MIC4607-2YTS:
85V,
Three-Phase
MOSFET Driver with
Adaptive
Dead-Time,
Anti-Shoot-Through
and Overcurrent Pro-
tection, Dual Inputs, –
40°C to +125°C Temp.
Range, RoHS Compli-
ant, 28-Pin TSSOP, 50/
PART NO.
X
XX
Package
Junction
Temperature
Device
Device:
MIC4607:
85V, Three-Phase MOSFET Driver with
Adaptive Dead-Time, Anti-Shoot-Through
and Overcurrent Protection
Input Option:
1
= Dual Inputs
2
= Single PWM Input
Temperature Range:
Y
= -40
C to +125C
(RoHS Compliant)
Package:
ML = 28-lead 4x5 QFN
TS = 28-lead 5.0x4.4 TSSOP
Media Type:
T5
= 500/Reel
TR
= 5000/Reel VQFN (ML) Package
= 2500/Reel TSSOP (TS) Package
Blank= 50/Tube TSSOP (TS) Package
X
Input
Option
Range
XX
Media
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com