Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 26Page - Microchip Technology MIC4607 Datasheet HTML 27Page - Microchip Technology MIC4607 Datasheet HTML 28Page - Microchip Technology MIC4607 Datasheet HTML 29Page - Microchip Technology MIC4607 Datasheet HTML 30Page - Microchip Technology MIC4607 Datasheet HTML 31Page - Microchip Technology MIC4607 Datasheet HTML 32Page - Microchip Technology MIC4607 Datasheet HTML 33Page - Microchip Technology MIC4607 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MIC4607
DS20005610A-page 30
 2016 Microchip Technology Inc.
7.0
MOTOR APPLICATIONS
Figure 7-1 illustrates an automotive motor application.
The 12V battery input voltage can see peaks as high as
60V during a load dump event. The 85V-rated MIC4607
drives six MOSFETs that provide power to the BLDC
motor.
A current-sense resistor senses the peak motor cur-
rent. The voltage across this resistor is monitored by
the OC circuit in the MIC4607, which provides overcur-
rent protection for the application. The 120V rating of
the MIC5281 series of LDOs provide input surge volt-
age protection, while regulating the battery voltage
down to 3.3V and 10V – 12V for the microcontroller and
gate driver respectively. This circuit can also be used
for power tool applications, where the battery voltage
carries high-voltage peaks and surges.
Figure 7-2 is a block diagram for a 24V motor drive
application. The regulated 24V bus allows the use of
lower input voltage LDOs, such as the MIC5239-3.3
and MIC5234. This circuit configuration can be used in
industrial applications.
Figure 7-3 illustrates an off-line motor application. Add-
ing an off-line power supply to the front end allow the
MIC4607 to be used in applications such as blenders
and other small white goods as well as ceiling fan appli-
cations. The circuit consists of an MIC38C44 based
AC/DC power supply, that is used to generate 24 VDC
to power a BLDC motor. The MIC4607 drives the six
MOSFETs that provide power to the motor.
The MIC4607 can also be used in low and mid-voltage
inverter applications. Figure 7-4 shows how power
generated by a spinning (or breaking) motor can be
used to generate DC power to a load or provide power
for battery-charging applications.
FIGURE 7-1:
Automotive or Power Tool Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com