Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4607 Datasheet HTML 1Page - Microchip Technology MIC4607 Datasheet HTML 2Page - Microchip Technology MIC4607 Datasheet HTML 3Page - Microchip Technology MIC4607 Datasheet HTML 4Page - Microchip Technology MIC4607 Datasheet HTML 5Page - Microchip Technology MIC4607 Datasheet HTML 6Page - Microchip Technology MIC4607 Datasheet HTML 7Page - Microchip Technology MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
DS20005610A-page 1
 2016 Microchip Technology Inc.
MIC4607
Features
• Gate Drive Supply Voltage Up To 16V
• Overcurrent Protection
• Drives High-Side And Low-Side N-Channel
MOSFETs With Independent Inputs Or With A
Single PWM Signal
• TTL Input Thresholds
• On-Chip Bootstrap Diodes
• Fast 35 ns Propagation Times
• Shoot-Through Protection
• Drives 1000 pF Load With 20 ns Rise And Fall
Times
• Low Power Consumption
• Supply Undervoltage Protection
• –40°C to +125°C Junction Temperature Range
Applications
• Three-Phase and BLDC Motor Drives
• Three-Phase Inverters
General Description
The MIC4607 is an 85V, three-phase MOSFET driver.
The MIC4607 features a fast (35 ns) propagation delay
time and a 20 ns driver rise/fall time for a 1 nF
capacitive load. TTL inputs can be separate high- and
low-side signals or a single PWM input with high and
low drive generated internally. High- and low-side
outputs are guaranteed to not overlap in either mode.
The MIC4607 includes overcurrent protection as well
as a high-voltage internal diode that charges the
high-side gate drive bootstrap capacitor.
A robust, high-speed, and low-power level shifter
provides clean level transitions to the high-side output.
The robust operation of the MIC4607 ensures that the
outputs are not affected by supply glitches, HS ringing
below ground, or HS slewing with high-speed voltage
transitions. Undervoltage protection is provided on both
the low-side and high-side drivers.
The MIC4607 is available in a both a 28-pin 4 mm ×
5 mm QFN and 28-pin TSSOP package with an
operating junction temperature range of –40°C to
+125°C.
Typical Application Circuit
MIC4607
Three-Phase Motor Driver
85V, Three-Phase MOSFET Driver with Adaptive
Dead-Time, Anti-Shoot-Through and Overcurrent
Protection


Similar Part No. - MIC4607

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4607A MICROCHIP-MIC4607A Datasheet
4Mb / 41P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
Revision A
MIC4607A-1 MICROCHIP-MIC4607A-1 Datasheet
4Mb / 41P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
Revision A
MIC4607A-2 MICROCHIP-MIC4607A-2 Datasheet
4Mb / 41P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
Revision A
More results

Similar Description - MIC4607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
Monolithic Power System...
HR1001C MPS-HR1001C Datasheet
1Mb / 26P
Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com