Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 8Page - Microchip Technology MIC4607 Datasheet HTML 9Page - Microchip Technology MIC4607 Datasheet HTML 10Page - Microchip Technology MIC4607 Datasheet HTML 11Page - Microchip Technology MIC4607 Datasheet HTML 12Page - Microchip Technology MIC4607 Datasheet HTML 13Page - Microchip Technology MIC4607 Datasheet HTML 14Page - Microchip Technology MIC4607 Datasheet HTML 15Page - Microchip Technology MIC4607 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MIC4607
DS20005610A-page 12
 2016 Microchip Technology Inc.
FIGURE 2-25:
Overcurrent Propagation
Delay vs. VDD Voltage.
FIGURE 2-26:
Overcurrent Propagation
Delay vs. Temperature.
FIGURE 2-27:
Bootstrap Diode Reverse
Current.
FIGURE 2-28:
Bootstrap Diode I-V
Characteristics.
50
60
70
80
90
100
110
120
5
6
7
8
9
10111213141516
VDD (V)
25°C
–40°C
125°C
VHS = 0V
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 16V
VDD = 12V
VDD = 5.5V
VxHS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com