Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 12Page - Microchip Technology MIC4607 Datasheet HTML 13Page - Microchip Technology MIC4607 Datasheet HTML 14Page - Microchip Technology MIC4607 Datasheet HTML 15Page - Microchip Technology MIC4607 Datasheet HTML 16Page - Microchip Technology MIC4607 Datasheet HTML 17Page - Microchip Technology MIC4607 Datasheet HTML 18Page - Microchip Technology MIC4607 Datasheet HTML 19Page - Microchip Technology MIC4607 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MIC4607
DS20005610A-page 16
 2016 Microchip Technology Inc.
4.0
TIMING DIAGRAMS
4.1
Non-Overlapping LI/HI Input Mode
(MIC4607-1)
In non-overlapping LI/HI input mode, enough delay is
added between the xLI and xHI inputs to allow xHS to
be low before xLI is pulled high and similarly xLO is low
before xHI goes high.
xHO goes high with a high signal on xHI after a typical
delay of 35 ns (tHPLH). xHI going low drives xHO low
also with typical delay of 35 ns (tHPHL).
Likewise, xLI going high forces xLO high after typical
delay of 35 ns (tLPLH) and xLO follows low transition of
xLI after typical delay of 35 ns (tLPHL).
xHO and xLO output rise and fall times (tR/tF) are typi-
cally 20 ns driving 1000 pF capacitive loads.
FIGURE 4-1:
Separate Non-Overlapping LI/HI Input Mode (MIC4607-1).
Note 1:
All propagation delays are measured from the 50% voltage level and rise/fall times are measured 10% to
90%.
2:
“x” in front of a pin name refers to either A, B or C phase. (e.g. xHI can be either AHI, BHI or CHI).
tLPLH
tR
tLPHL
tHPLH
tHPHL
tF
tF
tR
xHS
xHO
xLO
xHI
xLI
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com