Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 14Page - Microchip Technology MIC4607 Datasheet HTML 15Page - Microchip Technology MIC4607 Datasheet HTML 16Page - Microchip Technology MIC4607 Datasheet HTML 17Page - Microchip Technology MIC4607 Datasheet HTML 18Page - Microchip Technology MIC4607 Datasheet HTML 19Page - Microchip Technology MIC4607 Datasheet HTML 20Page - Microchip Technology MIC4607 Datasheet HTML 21Page - Microchip Technology MIC4607 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MIC4607
DS20005610A-page 18
 2016 Microchip Technology Inc.
4.3
PWM Input Mode (MIC4607-2)
A low going xPWM signal applied to the MIC4607-2
causes xHO to go low, typically 35ns (tHOOFF) after the
xPWM input goes low, at which point the switch node,
xHS, falls (1 – 2).
When xHS reaches 2.2V (VSWTH), the external
high-side MOSFET is deemed off and xLO goes high,
typically within 35 ns (tLOON) (3-4). xHS falling below
2.2V sets a latch that can only be reset by xPWM going
high. This design prevents ringing on xHS from causing
an indeterminate xLO state. Should xHS never trip the
aforementioned internal comparator reference (2.2V),
a falling xPWM edge delayed by 250 ns will set “HS
latch” allowing xLO to go high.
A 35 ns delay gated by xPWM going low can determine
the time to xLO going high for fast falling HS designs.
xPWM going high forces xLO low in typically 35ns
(tLOOFF) (5 – 6).
When xLO reaches 1.9V (VLOOFF), the low-side MOS-
FET is deemed off and xHO is allowed to go high. The
delay between these two points is typically 35 ns
(tHOON) (7 – 8).
xHO and xLO output rise and fall times (tR/tF) are typi-
cally 20 ns driving 1000 pF capacitive loads.
FIGURE 4-3:
PWM Mode (MIC4607-2).
tLOOFF
(VLOOFF)
tHOON
xHS
xHO
xLO
xPWM
tF
tLOON
tR
tHOOFF
tR
tF
(VSWTH)
4
3
2
5
6
1
7
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com