Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 18Page - Microchip Technology LAN89730 Datasheet HTML 19Page - Microchip Technology LAN89730 Datasheet HTML 20Page - Microchip Technology LAN89730 Datasheet HTML 21Page - Microchip Technology LAN89730 Datasheet HTML 22Page - Microchip Technology LAN89730 Datasheet HTML 23Page - Microchip Technology LAN89730 Datasheet HTML 24Page - Microchip Technology LAN89730 Datasheet HTML 25Page - Microchip Technology LAN89730 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 218 page
background image
LAN89730
DS60001348A-page 22
 2013-2015 Microchip Technology Inc.
TABLE 2-5:
USB PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
HSIC Data
HSIC_DATA
HSIC
Bi-directional Double Data Rate (DDR) data sig-
nal that is synchronous to the HSIC_STROBE
signal as defined in the High-Speed Inter-Chip
USB Electrical Specification, Version 1.0.
1
HSIC Strobe
HSIC_STROBE
HSIC
Bi-directional data strobe signal as defined in the
High-Speed Inter-Chip USB Electrical Specifica-
tion, Version 1.0.
1
HSIC Slew
Tune
SLEW_TUNE
IS
(PD)
Applies a 30% slew rate boost to the HSIC_DATA
and HSIC_STROBE pins when driven high.
1
External USB
Bias Resistor
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an exter-
nal 12.0 kΩ 1.0% resistor to ground.
TABLE 2-6:
ETHERNET PHY PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
Ethernet TX
Data Out
Negative
TXN
AIO
The transmit data outputs may be swapped inter-
nally with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet TX
Data Out
Positive
TXP
AIO
The transmit data outputs may be swapped inter-
nally with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet RX
Data In Nega-
tive
RXN
AIO
The receive data inputs may be swapped inter-
nally with transmit data outputs when Auto-MDIX
is enabled.
1
Ethernet RX
Data In Posi-
tive
RXP
AIO
The receive data inputs may be swapped inter-
nally with transmit data outputs when Auto-MDIX
is enabled.
1
PHY Inter-
rupt (Internal
PHY Mode)
nPHY_INT
O8
In Internal PHY Mode, this pin can be configured
to output the internal PHY interrupt signal.
Note:
The internal PHY interrupt signal is
active-high.
PHY Interrupt
(External
PHY Mode)
nPHY_INT
IS
(PU)
In External PHY Mode, the active-low signal on
this pin is input from the external PHY and indi-
cates a PHY interrupt has occurred.
1
External PHY
Bias Resistor
EXRES
AI
Used for the internal bias circuits. Connect to an
external 12.0 kΩ 1.0% resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com