Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 43Page - Microchip Technology LAN89730 Datasheet HTML 44Page - Microchip Technology LAN89730 Datasheet HTML 45Page - Microchip Technology LAN89730 Datasheet HTML 46Page - Microchip Technology LAN89730 Datasheet HTML 47Page - Microchip Technology LAN89730 Datasheet HTML 48Page - Microchip Technology LAN89730 Datasheet HTML 49Page - Microchip Technology LAN89730 Datasheet HTML 50Page - Microchip Technology LAN89730 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 47
LAN89730
4.3.3
USB VENDOR COMMANDS
The device implements several vendor specific commands in order to access CSRs and efficiently gather statistics. The
vendor commands allow direct access to Systems CSRs and MAC CSRs.
4.3.3.1
Register Write Command
The commands allows the host to write a single register. Burst writes are not supported. All writes are 32-bits.
4.3.3.2
Register Read Command
The commands allows the host to read a single register. Burst reads are not supported. All reads return 32-bits.
Note:
When in the Normal state, accesses to the MAC CSRs are stalled.
TABLE 4-33:
FORMAT OF REGISTER WRITE SETUP STAGE
Offset
Field
Value
0h
bmRequestType
40h
1h
bRequest
A0h
2h
wValue
00h
4h
wIndex
{0h, CSR Address[11:0]}
6h
wLength
04h
TABLE 4-34:
FORMAT OF REGISTER WRITE DATA STAGE
Offset
Field
0h
Register Write Data [31:0]
TABLE 4-35:
FORMAT OF REGISTER READ SETUP STAGE
Offset
Field
Value
0h
bmRequestType
C0h
1h
bRequest
A1h
2h
wValue
00h
4h
wIndex
{0h, CSR Address[11:0]}
6h
wLength
04h
TABLE 4-36:
FORMAT OF REGISTER READ DATA STAGE
Offset
Field
0h
Register Read Data [31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com