Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 42Page - Microchip Technology LAN89730 Datasheet HTML 43Page - Microchip Technology LAN89730 Datasheet HTML 44Page - Microchip Technology LAN89730 Datasheet HTML 45Page - Microchip Technology LAN89730 Datasheet HTML 46Page - Microchip Technology LAN89730 Datasheet HTML 47Page - Microchip Technology LAN89730 Datasheet HTML 48Page - Microchip Technology LAN89730 Datasheet HTML 49Page - Microchip Technology LAN89730 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
LAN89730
DS60001348A-page 46
 2013-2015 Microchip Technology Inc.
4.3.2.5.6
Set Feature
This command sets the Stall feature for all supported Endpoints. It also supports the Device Remote Wakeup feature
and Test mode.
4.3.2.5.7
Set Configuration
The device supports only one configuration. An occurrence of this command places the device into the Configured state.
Since only one configuration is supported, 01h is the only supported configuration value.
4.3.2.5.8
Set Interface
Only one interface is supported by the device. Therefore, this command is of marginal use. If the command is issued
with an alternative setting of 00h and interface setting of 00h, as shown in Table 4-32, the device responds with an ACK.
Otherwise it responds with a STALL handshake.
TABLE 4-30:
FORMAT OF SET FEATURE SETUP STAGE
Offset
Field
Value
0h
bmRequestType
• 00h for device
• 02h for Endpoint
1h
bRequest
03h
2h
wValue
• 01h for DEVICE_REMOTE_WAKEUP
• 00h for ENDPOINT_HALT
• 02h for EST_MODE
4h
wIndex
• 00h for device remote wakeup
• 00h for TEST_MODE
• Interface Endpoint number for halt
6h
wLength
00h
TABLE 4-31:
FORMAT OF SET CONFIGURATION SETUP STAGE
Offset
Field
Value
0h
bmRequestType
00h
1h
bRequest
09h
2h
wValue
Configuration Value
4h
wIndex
00h
6h
wLength
00h
TABLE 4-32:
FORMAT OF SET INTERFACE SETUP STAGE
Offset
Field
Value
0h
bmRequestType
01h
1h
bRequest
0Bh
2h
wValue
00h
4h
wIndex
00h
6h
wLength
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com