Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 39Page - Microchip Technology LAN89730 Datasheet HTML 40Page - Microchip Technology LAN89730 Datasheet HTML 41Page - Microchip Technology LAN89730 Datasheet HTML 42Page - Microchip Technology LAN89730 Datasheet HTML 43Page - Microchip Technology LAN89730 Datasheet HTML 44Page - Microchip Technology LAN89730 Datasheet HTML 45Page - Microchip Technology LAN89730 Datasheet HTML 46Page - Microchip Technology LAN89730 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 43
LAN89730
4.3.2.3
Get Descriptor
Note 4-16
Selects descriptor type. The supported descriptors for this command are Device, Configuration, String,
Device Qualifier, and Other Speed Configuration.
Note 4-17
Set to zero or Language ID.
4.3.2.4
Get Interface
TABLE 4-18:
FORMAT OF GET DESCRIPTOR SETUP STAGE
Offset
Field
Value
0h
bmRequestType
80h
1h
bRequest
06h
2h
wValue
Note 4-16
4h
wIndex
Note 4-17
6h
wLength
Length of descriptor
Note:
The Interface and Endpoint descriptors are not supported by this command. The UDC will stall these
requests.
TABLE 4-19:
FORMAT OF GET INTERFACE SETUP STAGE
Offset
Field
Value
0h
bmRequestType
81h
1h
bRequest
0Ah
2h
wValue
00h
4h
wIndex
00h
6h
wLength
01h
TABLE 4-20:
FORMAT OF GET INTERFACE DATA STAGE
Offset
Field
0h
Alternate Setting
Note:
The device only supports a single interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com