Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 78 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 78 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 74Page - Microchip Technology LAN89730 Datasheet HTML 75Page - Microchip Technology LAN89730 Datasheet HTML 76Page - Microchip Technology LAN89730 Datasheet HTML 77Page - Microchip Technology LAN89730 Datasheet HTML 78Page - Microchip Technology LAN89730 Datasheet HTML 79Page - Microchip Technology LAN89730 Datasheet HTML 80Page - Microchip Technology LAN89730 Datasheet HTML 81Page - Microchip Technology LAN89730 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 218 page
background image
LAN89730
DS60001348A-page 78
 2013-2015 Microchip Technology Inc.
4.6.1.2
Scrambling
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large narrow-band
peaks. Scrambling the data helps eliminate these peaks and spread the signal power more uniformly over the entire
channel bandwidth. This uniform spectral density is required by FCC regulations to prevent excessive EMI from being
radiated by the physical wiring.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
4.6.1.3
NRZI and MLT-3 Encoding
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a serial 125 MHz NRZI
data stream. The NRZI is encoded to MLT-3. MLT-3 is a tri-level code where a change in the logic level represents a
code bit “1” and the logic output remaining at the same level represents a code bit “0”.
4.6.1.4
100M Transmit Driver
The MLT-3 data is then passed to the analog transmitter, which launches the differential MLT-3 signal, on outputs TXP
and TXN, to the twisted pair media via a 1:1 ratio isolation transformer. The 10Base-T and 100Base-TX signals pass
through the same transformer so that common magnetics can be used for both. The transmitter drives into the 100
impedance of the CAT-5 cable. Cable termination and impedance matching require external components.
4.6.1.5
100M Phase Lock Loop (PLL)
The 100M PLL locks onto reference clock and generates the 125 MHz clock used to drive the 125 MHz logic and the
100Base-Tx Transmitter.
4.6.2
100BASE-TX RECEIVE
The receive data path is shown in Figure 4-18. Detailed descriptions are given in the following subsections.
4.6.2.1
100M Receive Input
The MLT-3 from the cable is fed into the PHY (on inputs RXP and RXN) via a 1:1 ratio transformer. The ADC samples
the incoming differential signal at a rate of 125M samples per second. Using a 64-level quantizer, it generates 6 digital
bits to represent each sample. The DSP adjusts the gain of the ADC according to the observed signal levels such that
the full dynamic range of the ADC can be used.
FIGURE 4-18:
RECEIVE DATA PATH
MAC
A/D
Converter
MLT-3
Converter
NRZI
Converter
4B/5B
Decoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
RX_CLK
25 MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
6 bit Data
Descrambler
and SIPO
125 Mbps Serial
DSP: Timing
Recovery, Equalizer
and BLW Correction
MLT-3
MII
25 MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com