Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 19Page - Microchip Technology LAN89730 Datasheet HTML 20Page - Microchip Technology LAN89730 Datasheet HTML 21Page - Microchip Technology LAN89730 Datasheet HTML 22Page - Microchip Technology LAN89730 Datasheet HTML 23Page - Microchip Technology LAN89730 Datasheet HTML 24Page - Microchip Technology LAN89730 Datasheet HTML 25Page - Microchip Technology LAN89730 Datasheet HTML 26Page - Microchip Technology LAN89730 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 23
LAN89730
TABLE 2-7:
POWER PINS AND GROUND PAD
Num Pins
Name
Symbol
Buffer
Type
Description
5
+3.3 V I/O
Power
VDD33IO
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
3
+3.3 V Ana-
log Power
VDD33A
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
2
+1.2 V Digital
Core Power
VDD12CORE
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
1
+1.2 V USB
PLL Power
VDD12USBPLL
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for additional
connection information.
1
+1.2 V HSIC
Power
VDD12A
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
1
+1.2 V Ether-
net PLL
Power
VDD12PLL
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for additional
connection information.
Exposed
pad on
package
bottom
Ground
VSS
P
Common Ground
TABLE 2-8:
NO-CONNECT PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
No Connect
NC
-
This pin must be left floating for normal device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com