Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 9Page - Microchip Technology LAN89730 Datasheet HTML 10Page - Microchip Technology LAN89730 Datasheet HTML 11Page - Microchip Technology LAN89730 Datasheet HTML 12Page - Microchip Technology LAN89730 Datasheet HTML 13Page - Microchip Technology LAN89730 Datasheet HTML 14Page - Microchip Technology LAN89730 Datasheet HTML 15Page - Microchip Technology LAN89730 Datasheet HTML 16Page - Microchip Technology LAN89730 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 13
LAN89730
1
Carrier Sense
(Internal PHY
Mode)
CRS
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 123 for additional information.
Carrier Sense
(External
PHY Mode)
CRS
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates a net-
work carrier.
General Pur-
pose I/O 3
(Internal PHY
Mode Only)
GPIO3
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
1
MII Collision
Detect
(Internal PHY
Mode)
COL
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 123 for additional information.
MII Collision
Detect
(External
PHY Mode)
COL
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates a colli-
sion event.
General Pur-
pose I/O 0
(Internal PHY
Mode Only)
GPIO0
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may be used to signal PME
when Internal PHY and PME Modes of
operation are in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
1
Management
Data
(Internal PHY
Mode)
MDIO
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 123 for additional information.
Management
Data
(External
PHY Mode)
MDIO
IS/O8
(PD)
In External PHY Mode, this pin provides the man-
agement data to/from the external PHY.
General Pur-
pose I/O 1
(Internal PHY
Mode Only)
GPIO1
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may serve as the
PME_MODE_SEL input when Internal
PHY and PME Modes of operation are
in effect. Refer to Chapter 5.0, "PME
Operation" for additional information.
TABLE 2-1:
MII INTERFACE PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com