Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 97 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 97 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 93Page - Microchip Technology LAN89730 Datasheet HTML 94Page - Microchip Technology LAN89730 Datasheet HTML 95Page - Microchip Technology LAN89730 Datasheet HTML 96Page - Microchip Technology LAN89730 Datasheet HTML 97Page - Microchip Technology LAN89730 Datasheet HTML 98Page - Microchip Technology LAN89730 Datasheet HTML 99Page - Microchip Technology LAN89730 Datasheet HTML 100Page - Microchip Technology LAN89730 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 97
LAN89730
60h
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
61h
02
Descriptor Type (Configuration Descriptor - 02h)
62h - 63h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
64h
01
Number of interfaces
65h
01
Value to use as an argument to select this configuration
66h
00
Index of String Descriptor describing this configuration
67h
A0
Bus powered and remote wakeup enabled
68h
FA
Maximum power consumption is 500 mA
69h
09
Size of Hi-Speed Interface Descriptor in bytes (9 bytes)
6Ah
04
Descriptor Type (Interface Descriptor - 04h)
6Bh
00
Number identifying this interface
6Ch
00
Value used to select alternative setting
6Dh
03
Number of Endpoints used for this interface (less Endpoint 0)
6Eh
FF
Class Code
6Fh
00
Subclass Code
70h
FF
Protocol Code
71h
00
Index of String Descriptor describing this interface
72h
12
Size of Full-Speed Device Descriptor in bytes (18 bytes)
73h
01
Descriptor Type (Device Descriptor - 01h)
74h - 75h
00 02
USB Specification Number that the device complies with (0200h)
76h
FF
Class Code
77h
00
Subclass Code
78h
FF
Protocol Code
79h
40
Maximum Packet Size for Endpoint 0
7Ah - 7Bh
24 04
Vendor ID (0424h)
7Ch - 7Dh
30 97
Product ID (9730h)
7Eh - 7Fh
00 01
Device Release Number (0100h)
80h
01
Index of Manufacturer String Descriptor
81h
02
Index of Product String Descriptor
82h
03
Index of Serial Number String Descriptor
83h
01
Number of possible configurations
84h
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
85h
02
Descriptor Type (Configuration Descriptor - 02h)
86h - 87h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
88h
01
Number of interfaces
89h
01
Value to use as an argument to select this configuration
8Ah
00
Index of String Descriptor describing this configuration
8Bh
A0
Bus powered and remote wakeup enabled
8Ch
FA
Maximum power consumption is 500 mA
8Dh
09
Size of Full-Speed Interface Descriptor in bytes (9 bytes)
8Eh
04
Descriptor Type (Interface Descriptor - 04h)
8Fh
00
Number identifying this interface
90h
00
Value used to select alternative setting
TABLE 4-62:
EEPROM EXAMPLE - 256 BYTE EEPROM (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com