Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 97Page - Microchip Technology LAN89730 Datasheet HTML 98Page - Microchip Technology LAN89730 Datasheet HTML 99Page - Microchip Technology LAN89730 Datasheet HTML 100Page - Microchip Technology LAN89730 Datasheet HTML 101Page - Microchip Technology LAN89730 Datasheet HTML 102Page - Microchip Technology LAN89730 Datasheet HTML 103Page - Microchip Technology LAN89730 Datasheet HTML 104Page - Microchip Technology LAN89730 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 101
LAN89730
• Hardware Configuration Register (HW_CFG)
• LED General Purpose IO Configuration Register (LED_GPIO_CFG)
• General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE)
4.9
Device Clocking
The device requires a fixed-frequency 25 MHz clock source. This is typically provided by attaching a 25 MHz crystal to
the XI and XO pins. The clock can optionally be provided by driving the XI input pin with a single-ended 25 MHz clock
source. If a single-ended source is selected, the clock input must run continuously for normal device operation.
Internally, the device generates its required clocks with a phase-locked loop (PLL). It reduces its power consumption in
several of its operating states by disabling its internal PLL and derivative clocks. The 25 MHz clock remains operational
in all states where power is applied.
4.10
Device Power Sources
The device may be soft powered by the USB bus or self powered via external power supplies. The following external
3.3 V power supplies are required when power is not being furnished by the USB bus:
• VDD33IO, VDD33A
The device includes an internal 1.2 V regulator which provides power to the internal core logic. This regulator may be
optionally disabled if an external 1.2 V power source is available. The internal core regulator is controlled via the
CORE_REG_EN pin. When disabled, +1.2 V must be supplied to the device by an external source. Refer to Chapter
3.0 for information on proper power connections when enabling or disabling the internal core regulator.
4.11
Power States
The following power states are featured.
• NORMAL (Unconfigured and Configured)
• Suspend (SUSPEND0, SUSPEND1, SUSPEND2, and SUSPEND3)
Figure 4-29 illustrates the power states and allowed state transitions.
FIGURE 4-29:
POWER STATES
Note:
It is not possible to transition from SUSPEND2 to NORMAL Configured if SUSPEND2 was entered via a
transition from NORMAL Unconfigured.
NORMAL
(Configured)
SUSPEND0
SUSPEND1
SUSPEND2
USB Resume ||
PHY Linkup ||
WOL || GPIO
USB Suspend
USB Resume ||
GPIO
USB Suspend
USB Resume ||
Energy Detect ||
GPIO
USB Suspend
POR || nRESET ||
USB Reset || SRST
NORMAL
(Unconfigured)
Configured
Deconfigured
USB Resume ||
GPIO
USB Suspend
SUSPEND3
USB Suspend
USB Resume ||
PHY Linkup ||
Frame Rec’d || GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com