Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 100Page - Microchip Technology LAN89730 Datasheet HTML 101Page - Microchip Technology LAN89730 Datasheet HTML 102Page - Microchip Technology LAN89730 Datasheet HTML 103Page - Microchip Technology LAN89730 Datasheet HTML 104Page - Microchip Technology LAN89730 Datasheet HTML 105Page - Microchip Technology LAN89730 Datasheet HTML 106Page - Microchip Technology LAN89730 Datasheet HTML 107Page - Microchip Technology LAN89730 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
LAN89730
DS60001348A-page 104
 2013-2015 Microchip Technology Inc.
4.12
Wake Events
The following events can wake up/enable the device, depending on the power state.
• USB host Resume
• Wake On LAN (Wakeup Frame, Magic Packet, Perfect Destination Address Frame, and Broadcast Frame)
• Reception of a Good Frame - a frame received when no Wake On LAN events are enabled in the Wakeup Control
and Status Register (WUCSR) that meets the filtering requirements configured in the MAC Control Register
(MAC_CR).
• PHY Energy Detect
• PHY Link Up
• GPIO[10:0]
Table 4-63 illustrates the wake events permitted in each of the power states.
The occurrence of a GPIO wake event causes the corresponding bit in the Interrupt Status Register (INT_STS) to be
set. Before suspending the device, the host must ensure that any pending wake events are cleared. Otherwise, the
device will immediately be awakened after being suspended.
Note:
The Wake On LAN bit of the Wakeup Status (WUPS) is used to signal both Wake On LAN events and
wakeup from SUSPEND3 state due to reception of frames passing the filtering constraints set by the MAC
Control Register (MAC_CR). In order to interpret the Wakeup Status (WUPS) without ambiguity, the soft-
ware driver may examine the Suspend Mode (SUSPEND_MODE) field of the Power Management Control
Register (PMT_CTL) to determine the SUSPEND state it is coming out of.
TABLE 4-63:
POWER STATE/WAKE EVENT MAPPING
Power State
USB Host
Resume
Signaling
WOL
Good
Frame
PHY
Energy
Detect
PHY
Link Up
GPIO[10:0]
SUSPEND0
YES
YES
NO
NO
YES
YES
SUSPEND1
YES
NO
NO
YES
NO
YES
SUSPEND2
YES
NO
NO
NO
NO
YES
SUSPEND3
YES
NO
YES
NO
YES
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com