Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 64Page - Microchip Technology LAN89730 Datasheet HTML 65Page - Microchip Technology LAN89730 Datasheet HTML 66Page - Microchip Technology LAN89730 Datasheet HTML 67Page - Microchip Technology LAN89730 Datasheet HTML 68Page - Microchip Technology LAN89730 Datasheet HTML 69Page - Microchip Technology LAN89730 Datasheet HTML 70Page - Microchip Technology LAN89730 Datasheet HTML 71Page - Microchip Technology LAN89730 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 218 page
background image
LAN89730
DS60001348A-page 68
 2013-2015 Microchip Technology Inc.
The Filter i CRC-16 register contains the CRC-16 result of the frame that should pass Filter i.
Table 4-51 describes the Filter i CRC-16 bit fields.
Table 4-52 indicates the cases that produce a wake when the Wakeup Frame Enable (WUEN) bit of the Wakeup Control
and Status Register (WUCSR) is set. All other cases do not generate a wake.
Note 4-20
As determined by bit 0 of Filter i Command.
Note 4-21
CRC matches Filter i CRC-16 field.
Note 4-22
As determined by bit 9 of WUCSR.
Note 4-23
As determined by bits 3:2 of Filter i Command.
Note 4-24
When Wakeup frame detection is enabled via the Wakeup Frame Enable (WUEN) bit of the Wakeup
Control and Status Register (WUCSR), a Broadcast Wakeup frame will wake up the device despite the
state of the Disable Broadcast Frames (BCAST) bit in the MAC Control Register (MAC_CR).
TABLE 4-51:
FILTER I CRC-16 BIT DEFINITIONS
Filter i CRC-16 Description
Bits
Description
15:0
Pattern CRC-16: This field contains the 16-bit CRC value from the pattern and the byte mask pro-
grammed to the Wakeup Filter register function. This value is compared against the CRC calculated
on the incoming frame, and a match indicates the reception of a Wakeup frame.
TABLE 4-52:
WAKEUP GENERATION CASES
Filter
Enabled
(Note 4-20)
CRC
Match
(Note 4-21)
Global
Unicast
Enabled
(Note 4-22)
Pass
Regular
Receive
Filter
Address
Type
(Note 4-23)
Broad-
cast
Frame
(Note 4-24)
Multicast
Frame
Unicast
Frame
Yes
Yes
x
x
x
Yes
No
No
Yes
Yes
Yes
x
x
No
No
Yes
Yes
Yes
x
Yes
Multicast
(=10)
No
Yes
No
Yes
Yes
x
Yes
Unicast
(=00)
No
No
Yes
Yes
YesxYes
Passed
Receive
Filter
(=x1b)
xxx
Note:
x indicates “don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com