Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 75Page - Microchip Technology LAN89730 Datasheet HTML 76Page - Microchip Technology LAN89730 Datasheet HTML 77Page - Microchip Technology LAN89730 Datasheet HTML 78Page - Microchip Technology LAN89730 Datasheet HTML 79Page - Microchip Technology LAN89730 Datasheet HTML 80Page - Microchip Technology LAN89730 Datasheet HTML 81Page - Microchip Technology LAN89730 Datasheet HTML 82Page - Microchip Technology LAN89730 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 79
LAN89730
4.6.2.2
Equalizer, Baseline Wander Correction and Clock and Data Recovery
The 6 bits from the ADC are fed into the DSP block. The equalizer in the DSP section compensates for phase and ampli-
tude distortion caused by the physical channel consisting of magnetics, connectors, and CAT- 5 cable. The equalizer
can restore the signal for any good-quality CAT-5 cable between 1 m and 150 m.
If the DC content of the signal is such that the low-frequency components fall below the low frequency pole of the iso-
lation transformer, then the droop characteristics of the transformer will become significant and Baseline Wander (BLW)
on the received signal will result. To prevent corruption of the received data, the PHY corrects for BLW and can receive
the ANSI X3.263-1995 FDDI TP-PMD defined “killer packet” with no bit errors.
The 100M PLL generates multiple phases of the 125 MHz clock. A multiplexer, controlled by the timing unit of the DSP,
selects the optimum phase for sampling the data. This is used as the received recovered clock. This clock is used to
extract the serial data from the received signal.
4.6.2.3
NRZI and MLT-3 Decoding
The DSP generates the MLT-3 recovered levels that are fed to the MLT-3 converter. The MLT-3 is then converted to an
NRZI data stream.
4.6.2.4
Descrambling
The descrambler performs an inverse function to the scrambler in the transmitter and also performs the Serial In Parallel
Out (SIPO) conversion of the data.
During reception of IDLE (/I/) symbols, the descrambler synchronizes its descrambler key to the incoming stream. Once
synchronization is achieved, the descrambler locks on this key and is able to descramble incoming data.
Special logic in the descrambler ensures synchronization with the remote PHY by searching for IDLE symbols within a
window of 4000 bytes (40 µs). This window ensures that a maximum packet size of 1514 bytes, allowed by the IEEE
802.3 standard, can be received with no interference. If no IDLE-symbols are detected within this time-period, receive
operation is aborted and the descrambler re-starts the synchronization process.
The descrambler can be bypassed by setting bit 0 of register 31.
4.6.2.5
Alignment
The de-scrambled signal is then aligned into 5-bit code-groups by recognizing the /J/K/ Start-of-Stream Delimiter (SSD)
pair at the start of a packet. Once the code-word alignment is determined, it is stored and utilized until the next start of
frame.
4.6.2.6
5B/4B Decoding
The 5-bit code-groups are translated into 4-bit data nibbles according to the 4B/5B table. The SSD, /J/K/, is translated
to “0101 0101” as the first 2 nibbles of the MAC preamble. Reception of the SSD causes the PHY to assert the internal
RX_DV signal, indicating that valid data is available on the Internal RXD bus. Successive valid code-groups are trans-
lated to data nibbles. Reception of either the End of Stream Delimiter (ESD) consisting of the /T/R/ symbols, or at least
two /I/ symbols causes the PHY to de-assert the internal carrier sense and RX_DV.
These symbols are not translated into data.
4.6.2.7
Receiver Errors
During a frame, unexpected code-groups are considered receive errors. Expected code groups are the DATA set (0
through F), and the /T/R/ (ESD) symbol pair. When a receive error occurs, the internal MII’s RX_ER signal is asserted
and arbitrary data is driven onto the internal receive data bus (RXD) to the MAC. Should an error be detected during the
time that the /J/K/ delimiter is being decoded (bad SSD error), RX_ER is asserted and the value 1110b is driven onto
the internal receive data bus (RXD) to the MAC. Note that the internal MII’s data valid signal (RX_DV) is not yet asserted
when the bad SSD occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com