Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 66Page - Microchip Technology LAN89730 Datasheet HTML 67Page - Microchip Technology LAN89730 Datasheet HTML 68Page - Microchip Technology LAN89730 Datasheet HTML 69Page - Microchip Technology LAN89730 Datasheet HTML 70Page - Microchip Technology LAN89730 Datasheet HTML 71Page - Microchip Technology LAN89730 Datasheet HTML 72Page - Microchip Technology LAN89730 Datasheet HTML 73Page - Microchip Technology LAN89730 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
LAN89730
DS60001348A-page 70
 2013-2015 Microchip Technology Inc.
In mode 1, the RXCOE supports VLAN tags and a SNAP header. In this mode, the RXCOE calculates the checksum at
the start of L3 packet. The VLAN1 tag register is used by the RXCOE to indicate what protocol type is to be used to
indicate the existence of a VLAN tag. This value is typically 8100h.
Example frame configurations:
FIGURE 4-11:
TYPE II ETHERNET FRAME
FIGURE 4-12:
ETHERNET FRAME WITH VLAN TAG
FIGURE 4-13:
ETHERNET FRAME WITH LENGTH FIELD AND SNAP HEADER
DST
SRC
p
r
o
t
0
1
2
3
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
0
1
2
3
t
y
p
e
4
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
L
e
n
0
1
2
{DSAP, SSAP, CTRL, OUI[23:16]}
{OUI[15:0], PID[15:0]}
3
4
5
Calculate Checksum
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com