Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 14Page - Microchip Technology LAN89730 Datasheet HTML 15Page - Microchip Technology LAN89730 Datasheet HTML 16Page - Microchip Technology LAN89730 Datasheet HTML 17Page - Microchip Technology LAN89730 Datasheet HTML 18Page - Microchip Technology LAN89730 Datasheet HTML 19Page - Microchip Technology LAN89730 Datasheet HTML 20Page - Microchip Technology LAN89730 Datasheet HTML 21Page - Microchip Technology LAN89730 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 218 page
background image
LAN89730
DS60001348A-page 18
 2013-2015 Microchip Technology Inc.
TABLE 2-3:
JTAG PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1JTAG Test
Port Reset
(Internal PHY
Mode)
nTRST
IS
(PU)
In Internal PHY Mode, this active-low pin func-
tions as the JTAG test port reset input.
Receive Data
0
(External
PHY Mode)
RXD0
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 0 input from the external PHY.
1JTAG Test
Data Out
(Internal PHY
Mode)
TDO
O8
In Internal PHY Mode, this pin functions as the
JTAG data output.
PHY Reset
(External
PHY Mode)
nPHY_RST
O8
In External PHY Mode, this active-low pin func-
tions as the PHY reset output.
1JTAG Test
Clock
(Internal PHY
Mode)
TCK
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG test clock. The maximum operating fre-
quency of this clock is 25 MHz.
Receive Data
1
(External
PHY Mode)
RXD1
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 1 input from the external PHY.
1JTAG Test
Mode Select
(Internal PHY
Mode)
TMS
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG test mode select.
Receive Data
2
(External
PHY Mode)
RXD2
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 2 input from the external PHY.
1JTAG Test
Data Input
(Internal PHY
Mode)
TDI
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG data input.
Receive Data
3
(External
PHY Mode)
RXD3
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 3 input from the external PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com